Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4411-3ARQZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4411-3ARQZ-R7
Description  Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB, HD/SD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4411-3ARQZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4411-3ARQZ-R7 Datasheet HTML 3Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 4Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 5Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 6Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 7Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 9Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 10Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADA4411-3
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, G = ×2, RL = 150 Ω, V = 1.4 V p-p, V = 5 V, T = 25°C.
O
S
A
FREQUENCY (MHz)
1
10
100
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
15
12
9
FC = 9MHz
FC = 18MHz
FC = 36MHz
BLACK LINE: VS = +5V
GRAY LINE: VS = ±5V
FREQUENCY (MHz)
110
100
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
9
FC = 9MHz
FC = 18MHz
FC = 36MHz
BLACK LINE: VS = +5V
GRAY LINE: VS = ±5V
Figure 4. Frequency Response vs. Power Supply and
Cutoff Frequency (G = ×2)
Figure 7. Frequency Response vs. Power Supply and
Cutoff Frequency (G = ×4)
FREQUENCY (MHz)
110
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
100
BLACK LINE: VS = +5V
GRAY LINE: VS = ±5V
FC = 9MHz
FC = 18MHz
FC = 36MHz
FREQUENCY (MHz)
110
9.0
12.5
12.0
11.5
11.0
10.5
10.0
9.5
100
FC = 9MHz
FC = 18MHz
FC = 36MHz
BLACK LINE: VS = +5V
GRAY LINE: VS = ±5V
Figure 5. Frequency Response Flatness vs. Power Supply and
Cutoff Frequency (G = ×2)
Figure 8. Frequency Response Flatness vs. Power Supply and Cutoff Frequency
(G = ×4)
FREQUENCY (MHz)
110
100
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
9
FC = 9MHz
FC = 18MHz
FC = 36MHz
BLACK LINE:
VOUT = 100mV p-p
GRAY LINE:
VOUT = 2V p-p
FREQUENCY (MHz)
110
100
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
9
FC = 36MHz
–40
°C
+25
°C
+85
°C
FC = 9MHz
FC = 18MHz
Figure 9. Frequency Response vs. Temperature and Cutoff Frequency
Figure 6. Frequency Response vs. Cutoff Frequency and Output Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com