Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4411-3ARQZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4411-3ARQZ-R7
Description  Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB, HD/SD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4411-3ARQZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4411-3ARQZ-R7 Datasheet HTML 5Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 6Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 7Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 9Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 10Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 11Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 12Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADA4411-3
Rev. 0 | Page 9 of 16
FREQUENCY (MHz)
0.1
1
10
100
–75
–65
–55
–45
–35
–25
–15
–5
5
FC = 9MHz
FC = 18MHz
FC = 36MHz
FREQUENCY (MHz)
0.1
1
10
100
–75
–65
–55
–45
–35
–25
–15
–5
5
FC = 9MHz
FC = 18MHz
FC = 36MHz
Figure 16. Positive Supply PSRR vs. Frequency and Cutoff Frequency
Figure 18. Negative Supply PSRR vs. Frequency and Cutoff Frequency
–1
6
5
4
3
2
1
0
200ns/DIV
2
× INPUT
FC = 36MHz
FC = 18MHz
FC = 9MHz
MINIMUM-LOSS MATCHING NETWORK LOSS CALIBRATED OUT
50
Ω
118
Ω
RL = 150Ω
50
Ω
86.6
Ω
50
Ω
NETWORK
ANALYZER Tx
NETWORK
ANALYZER Rx
DUT
Figure 19. Basic Test Circuit for Swept Frequency Measurements
Figure 17. Overdrive Recovery vs. Cutoff Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com