Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4411-3ARQZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4411-3ARQZ-R7
Description  Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB, HD/SD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4411-3ARQZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4411-3ARQZ-R7 Datasheet HTML 1Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 2Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 3Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 4Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 5Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 6Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 7Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Integrated Triple Video Filter and Buffer with Selectable
Cutoff Frequencies and Multiplexed Inputs for RGB, HD/SD
ADA4411-3
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
FUNCTIONAL BLOCK DIAGRAM
Sixth-order adjustable video filters
CUTOFF SELECT
INPUT SELECT
DC
OFFSET
Y1/G1 IN
Y2/G2 IN
Pb1/B1 IN
Pb2/B2 IN
Pr1/R1 IN
Pr2/R2 IN
LEVEL2
LEVEL1
GAIN SELECT
2
Y/G OUT
Pb/B OUT
Pr/R OUT
DISABLE
36MHz, 18MHz, 9MHz
×2
×4
36MHz, 18MHz, 9MHz
×2
×4
36MHz, 18MHz, 9MHz
×2
×4
ADA4411-3
36 MHz, 18 MHz, and 9 MHz
Many video standards supported: RGB, YPbPr, YUV, SD, Y/C
Ideal for 720p and 1080i resolutions
−1 dB bandwidth of 30.5 MHz for HD
Low quiescent power
Only 265 mW for 3 channels on 5 V supply
Disable feature cuts supply current to 15 μA
2:1 mux on all inputs
Variable gain: ×2 or ×4
DC output offset adjust: ±0.5 V, input referred
Excellent video specifications
Wide supply range: +4.5 V to ±5 V
Rail-to-rail output
Output can swing 4.5 V p-p on single 5 V supply
Small packaging: 24-lead QSOP
Figure 1.
APPLICATIONS
Set-top boxes
Personal video recorders
DVD players and recorders
HDTVs
Projectors
GENERAL DESCRIPTION
The ADA4411-3 is a comprehensive filtering solution designed
to give designers the flexibility to easily filter and drive various
video signals, including high definition video. Cutoff frequen-
cies of the sixth-order video filters range from 9 MHz to
36 MHz and can be selected by two logic pins to obtain four
filter combinations that are tuned for RGB, high definition, and
standard definition video signals. The ADA4411-3 has a rail-
to-rail output that can swing 4.5 V p-p on a single 5 V supply.
The ADA4411-3 can operate on a single +5 V supply as well as
on ±5 V supplies. Single-supply operation is ideal in
applications where power consumption is critical. The disable
feature allows for further power conservation by reducing the
supply current to typically 15 μA when a particular device is not
in use.
Dual-supply operation is best for applications where the
negative-going video signal excursions must swing at or
below ground while maintaining excellent video performance.
The output buffers have the ability to drive two 75 Ω doubly
terminated cables that are either dc-coupled or ac-coupled.
The ADA4411-3 offers gain and voltage offset adjustments.
With a single logic pin, the throughput filter gain can be
selected to be ×2 or ×4. Output voltage offset is continuously
adjustable over an input-referred range of ±500 mV by applying
a differential voltage to an independent offset control input.
The ADA4411-3 is available in the 24-lead, wide body
QSOP and is rated for operation over the extended
industrial temperature range of −40°C to +85°C.
The ADA4411-3 offers 2:1 multiplexers on all of its video
inputs, which are useful in applications where filtering is
required for multiple sources of video signals.


Similar Part No. - ADA4411-3ARQZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4411-3 AD-ADA4411-3_15 Datasheet
398Kb / 16P
Integrated Triple Video Filter and Buffer with Selectable
REV. 0
More results

Similar Description - ADA4411-3ARQZ-R7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
FMS6403 FAIRCHILD-FMS6403 Datasheet
426Kb / 1P
Triple Video Drivers w/Selectable HD/Progressive/SD/ Bypass Filters for RGB and YPbPr Signals
logo
Analog Devices
ADA4410-6 AD-ADA4410-6 Datasheet
457Kb / 16P
Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
3/06-Rev. A to Rev. B
ADA4412-3 AD-ADA4412-3 Datasheet
384Kb / 16P
Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD
7/05-Revision 0
logo
Fairchild Semiconductor
FMS6403 FAIRCHILD-FMS6403_05 Datasheet
291Kb / 17P
Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals
logo
STMicroelectronics
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
Triple video buffer with selectable filter for HD and SD video applications
May-2007
logo
Fairchild Semiconductor
FMS6403 FAIRCHILD-FMS6403_08 Datasheet
676Kb / 14P
Triple Video Drivers with Selectable HD/PS/SD Bypass Filters for RGB and YPbPr Signals
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Analog Devices
ADA4410-6 AD-ADA4410-6_15 Datasheet
458Kb / 16P
Integrated Video Filter with Selectable Cutoff
REV. B
ADA4411-3 AD-ADA4411-3_15 Datasheet
398Kb / 16P
Integrated Triple Video Filter and Buffer with Selectable
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com