Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4411-3ARQZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4411-3ARQZ-R7
Description  Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB, HD/SD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4411-3ARQZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4411-3ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 9Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 10Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 11Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 12Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 13Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 14Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 15Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADA4411-3
Rev. 0 | Page 12 of 16
Figure 20 and Figure 21 illustrate several ways to use the
LEVEL1 and LEVEL2 inputs.
INPUT AND OUTPUT COUPLING
Figure 20 shows examples of how
to generate fully adjustable LEVEL1 and LEVEL2 voltages from
±5 V and single +5 V supplies. These circuits show a general
case, but a more practical approach is to fix one voltage and
vary the other.
Inputs to the ADA4411-3 are normally dc-coupled. Ac coupling
the inputs is not recommended; however, if ac coupling is
necessary, suitable circuitry must be provided following the ac
coupling element to provide proper dc level and bias currents at
the ADA4411-3 input stages. The ADA4411-3 outputs can be
either ac- or dc-coupled.
Figure 21 illustrates an effective way to produce
a 600 mV output offset voltage in a single-supply application.
Although the LEVEL2 input could simply be connected to
GND, Figure 21 includes bypassed resistive voltage dividers for
each input so that the input levels can be changed, if necessary.
Additionally, many in-circuit testers require that I/O signals not
be tied directly to the supplies or GND. DNP indicates do not
populate.
When driving single ac-coupled loads in standard 75 Ω video
distribution systems, 220 μF coupling capacitors are recom-
mended for use on all but the chrominance signal output. Since
the chrominance signal is a narrow-band modulated carrier, it
has no low frequency content and can therefore be coupled with
a 0.1 μF capacitor.
DUAL SUPPLY
0.1
μF
LEVEL1
9.53k
Ω
1k
Ω
9.53k
Ω
+5V
–5V
0.1
μF
LEVEL2
9.53k
Ω
1k
Ω
9.53k
Ω
+5V
–5V
SINGLE SUPPLY
0.1
μF
LEVEL1
1k
Ω
9.09k
Ω
+5V
0.1
μF
LEVEL2
1k
Ω
9.09k
Ω
+5V
There are two ac coupling options when driving two loads from
one output. One simply uses the same value capacitor on the
second load, while the other is to use a common coupling
capacitor that is at least twice the value used for the single load
(see Figure 22 and Figure 23).
75
Ω
ADA4411-3
75
Ω
220
μF
220
μF
75
Ω
75
Ω
75
Ω
CABLE
75
Ω
CABLE
Figure 20. Generating Fully Adjustable Output Offsets
Figure 22. Driving Two AC-Coupled Loads with Two Coupling Capacitors
75
Ω
75
Ω
75
Ω
75
Ω
470
μF
75
Ω
CABLE
75
Ω
CABLE
ADA4411-3
0.1
μF
LEVEL1
634
Ω
10k
Ω
+5V
DNP
LEVEL2
0
Ω
DNP
+5V
Figure 21. Flexible Circuits to Set the LEVEL1 and LEVEL2 Inputs to
Obtain a 600 mV Output Offset on a Single Supply
Figure 23. Driving Two AC-Coupled Loads with One Common Coupling Capacitor
When driving two parallel 150 Ω loads (75 Ω effective load),
the 3 dB bandwidth of the filters typically varies from that of
the filters with a single 150 Ω load. For the 9 MHz and 18 MHz
filters, the typical variation is within ±1.0%; for the 36 MHz
filters, the typical variation is within ±2.5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com