Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4411-3ARQZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4411-3ARQZ-R7
Description  Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB, HD/SD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4411-3ARQZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4411-3ARQZ-R7 Datasheet HTML 4Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 5Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 6Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 7Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 8Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 9Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 10Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 11Page - Analog Devices ADA4411-3ARQZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADA4411-3
Rev. 0 | Page 8 of 16
FREQUENCY (MHz)
110
10
100
90
80
70
60
50
40
30
20
100
FC = 9MHz
FC = 18MHz
FC = 36MHz
BLACK LINE: VS = +5V
GRAY LINE: VS = ±5V
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
50ns/DIV
2 × INPUT
OUTPUT
ERROR
1% (58ns)
0.5% (70ns)
Figure 13. Settling Time
Figure 10. Group Delay vs. Frequency, Power Supply, and Cutoff Frequency
FREQUENCY (MHz)
0.1
1
10
100
–110
–100
–90
–80
–70
–60
–50
–40
FC = 9MHz
FC = 18MHz
FC = 36MHz
RSOURCE = 300Ω
UNSELECTED MUX IS DRIVEN
FREQUENCY (MHz)
0.1
1
10
100
–110
–100
–90
–80
–70
–60
–50
–40
–30
FC = 9MHz
FC = 18MHz
FC = 36MHz
RSOURCE = 300Ω
Y AND Pr SOURCE CHANNELS
Pb RECEPTOR CHANNEL
Figure 11. Channel-to-Channel Crosstalk vs. Frequency and Cutoff Frequency
Figure 14. MUX Isolation vs. Frequency and Cutoff Frequency
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
100ns/DIV
FC = 9MHz
FC = 18MHz
FC = 36MHz
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
100ns/DIV
FC = 9MHz
FC = 18MHz
FC = 36MHz
Figure 15. Transient Response vs. Cutoff Frequency (G = ×4)
Figure 12. Transient Response vs. Cutoff Frequency (G = ×2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com