Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6D08065G Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # C6D08065G
Description  6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C6D08065G Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  C6D08065G Datasheet HTML 1Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 2Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 3Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 4Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 5Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 6Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
C6D08065G
2
Rev. 0, JULY 2021
4600 Silicon Drive | Durham, NC 27703 | wolfspeed.com
Electrical Characteristics
Parameter
Symbol Typ.
Max.
Units Test Conditions
Note
Drain-Source Voltage
V
F
1.27
1.40
V
I
F = 8 A, TJ = 25 °C
Fig. 1
1.37
1.50
I
F = 8 A, TJ = 175 °C
Reverse Current
I
R
2
20
µA
V
R = 650 V, TJ = 25 °C
Fig. 2
15
200
V
R = 650 V, TJ = 175 °C
Total Capacitive Charge
Q
C
29
nC
V
R = 400 V, TJ = 25 °C
Fig. 5
Total Capacitance
C
518
pF
V
R = 0 V, TJ = 25 °C, f = 1 MHz
Fig. 6
56
V
R = 200 V, TJ = 25 °C, f = 1 MHz
45
V
R = 400 V, TJ = 25 °C, f = 1 MHz
Capacitance Stored Energy
E
C
4.4
µJ
V
R = 400 V
Fig. 7
Note:
SiC Schottky Diodes are majority carrier devices, so there is no reverse recovery charge.
Thermal & Mechanical Characteristics
Parameter
Symbol
Typ.
Units
Note
Thermal Resistance, Junction to Case
R
θ, JC
1.62
°C / W
Operating Junction & Storage Temperature
T
J , Tstg
-55 to +175
°C
Fig. 9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com