Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6D08065G Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # C6D08065G
Description  6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C6D08065G Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  C6D08065G Datasheet HTML 1Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 2Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 3Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 4Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 5Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 6Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
C6D08065G
3
Rev. 0, JULY 2021
4600 Silicon Drive | Durham, NC 27703 | wolfspeed.com
Figure 1. Forward Characteristics
Figure 2. Reverse Characteristics
Figure 3. Current Derating
Figure 4. Power Derating
Figure 5. Total Capacitance Charge vs. Reverse
Voltage
Figure 6. Capacitance vs. Reverse Voltage
Typical Performance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com