Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6D08065G Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # C6D08065G
Description  6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C6D08065G Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  C6D08065G Datasheet HTML 1Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 2Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 3Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 4Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 5Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 6Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
C6D08065G
4
Rev. 0, JULY 2021
4600 Silicon Drive | Durham, NC 27703 | wolfspeed.com
Electrostatic Discharge (ESD) Classifications
Parameter
Symbol
Class
Human Body Model
HBM
Class 3B (≥ 8000 V)
Charge Device Model
CDM
Class C3 (≥ 1000 V)
Figure 7. Capacitance Stored Energy
Figure 8. Non-Repetitive Peak Forward Surge
Current (Sine Wave)
Figure 9. Transient Thermal Impedance
Typical Performance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com