Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6D08065G Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # C6D08065G
Description  6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C6D08065G Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  C6D08065G Datasheet HTML 1Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 2Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 3Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 4Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 5Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 6Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
C6D08065G
6
Rev. 0, JULY 2021
4600 Silicon Drive | Durham, NC 27703 | wolfspeed.com
© 2021 Cree, Inc. All rights reserved. Wolfspeed® and the Wolfspeed logo are registered trademarks of Cree, Inc.
For more information, please contact:
4600 Silicon Drive
Durham, North Carolina, USA 27703
www.wolfspeed.com/power
Notes
This document and the information contained herein are subject to change without notice. Any such change shall be evidenced by the publication of
an updated version of this document by Cree. No communication from any employee or agent of Cree or any third party shall effect an amendment
or modification of this document. No responsibility is assumed by Cree for any infringement of patents or other rights of third parties which may
result from use of the information contained herein. No license is granted by implication or otherwise under any patent or patent rights of Cree.
Not withstanding any application-specific information, guidance, assistance, or support that Cree may provide, the buyer of this product is
solely responsible for determining the suitability of this product for the buyer’s purposes, including without limitation for use in the applications
identified in the next bullet point, and for the compliance of the buyers’ products, including those that incorporate this product, with all
applicable legal, regulatory, and safety-related requirements.
.
This product has not been designed or tested for use in, and is not intended for use in, applications in which failure of the product would reasonably
be expected to cause death, personal injury, or property damage, including but not limited to equipment implanted into the human body, life-support
machines, cardiac defibrillators, and similar emergency medical equipment, aircraft navigation, communication, and control systems, aircraft power
and propulsion systems, air traffic control systems, and equipment used in the planning, construction, maintenance, or operation of nuclear facilities.
RoHS Compliance
The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted
for such substances, or are used in an exempted application, in accordance with EU Directive 2011/65/EC (RoHS2), as implemented January 2, 2013.
RoHS Declarations for this product can be obtained from your Cree representative or from the Product Documentation sections of www.cree.com.
REACh Compliance
REACh substances of high concern (SVHCs) information is available for this product. Since the European Chemical Agency (ECHA) has published
notice of their intent to frequently revise the SVHC listing for the foreseeable future, please contact your Cree representative to ensure you
get the most up-to-date REACh SVHC Declaration. REACh banned substance information (REACh Article 67) is also available upon request.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com