Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6D08065G Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # C6D08065G
Description  6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C6D08065G Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  C6D08065G Datasheet HTML 1Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 2Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 3Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 4Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 5Page - WOLFSPEED, INC. C6D08065G Datasheet HTML 6Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. 0, JULY 2021
4600 Silicon Drive | Durham, NC 27703 | wolfspeed.com
C6D08065G
Package Type: TO-263-2
Marking: C6D08065
Features
• Low Forward Voltage (V
F) Drop with Positive
Temperature Coefficient
• Zero Reverse Recovery Current / Forward
Recovery Voltage
• Temperature-Independent Switching Behavior
• Low Leakage Current (I
R)
Applications
• Industrial Power Supplies
• Switch Mode Power Supplies
• Server / Telecom Power Supplies
• Power Factor Correction
• Solar Inverter
• Uninterruptible Power Supply
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Description
With the performance advantages of a Silicon Carbide (SiC)
Schottky Barrier diode, power electronics systems can expect
to meet higher efficiency standards than Si-based solutions,
while also reaching higher frequencies and power densities.
SiC diodes can be easily paralleled to meet various application
demands, without concern of thermal runaway. In combination
with the reduced cooling requirements and improved thermal
performance of SiC products, SiC diodes are able to provide
lower overall system costs in a variety of diverse applications.
Maximum Ratings (T
C = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Test Conditions
Note
Repetitive Peak Reverse Voltage V
RRM
650
V
DC Blocking Voltage
V
DC
650
Continuous Forward Current
I
F
30
A
T
J = 25 °C
Fig. 3
15
T
J = 125 °C
8
T
J = 155 °C
Repetitive Peak Forward Surge
Current
I
FRM
31
T
c = 25 °C, tp = 10 ms, Half Sine Wave
17
T
c = 110 °C, tp = 10 ms, Half Sine Wave
Non-Repetitive Peak Forward
Surge Current
I
FSM
56
T
c = 25 °C, tp = 10 ms, Half Sine Wave
Fig. 8
48
T
c = 110 °C, tp = 10 ms, Half Sine Wave
I
F, Max
650
T
c = 25 °C, tp = 10 µs, Pulse
590
T
c = 110 °C, tp = 10 µs, Pulse
Power Dissipation
P
tot
92
W
T
J = 25 °C
Fig. 4
40
T
J = 110 °C
PIN 1
PIN 2
CASE
1
2


Similar Part No. - C6D08065G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C6D08065A CREE-C6D08065A Datasheet
728Kb / 6P
Silicon Carbide Schottky Diode
logo
WOLFSPEED, INC.
C6D08065A WOLFSPEED-C6D08065A Datasheet
1Mb / 9P
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Rev. 1, March 2023
C6D08065E WOLFSPEED-C6D08065E Datasheet
642Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. A, 05-2020
C6D08065Q WOLFSPEED-C6D08065Q Datasheet
679Kb / 7P
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Rev. 0, DECEMBER 2021
More results

Similar Description - C6D08065G

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C6D04065A WOLFSPEED-C6D04065A Datasheet
1Mb / 9P
6th Generation 650 V, 4 A Silicon Carbide Schottky Diode
Rev. 1, March 2023
C6D06065G WOLFSPEED-C6D06065G Datasheet
1Mb / 6P
6th Generation 650 V, 6 A Silicon Carbide Schottky Diode
Rev. 0, JULY 2021
C6D08065A WOLFSPEED-C6D08065A Datasheet
1Mb / 9P
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Rev. 1, March 2023
C6D08065Q WOLFSPEED-C6D08065Q Datasheet
679Kb / 7P
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Rev. 0, DECEMBER 2021
C6D10065G WOLFSPEED-C6D10065G Datasheet
1Mb / 6P
6th Generation 650 V, 10 A Silicon Carbide Schottky Diode
Rev. 0, JULY 2021
C6D10065Q WOLFSPEED-C6D10065Q Datasheet
707Kb / 7P
6th Generation 650 V, 10 A Silicon Carbide Schottky Diode
Rev. 0, DECEMBER 2021
C6D20065D1 WOLFSPEED-C6D20065D1 Datasheet
930Kb / 8P
6th Generation 650 V, 20 A Silicon Carbide Schottky Diode
Rev. 0, April 2023
C6D20065H WOLFSPEED-C6D20065H Datasheet
952Kb / 8P
6th Generation 650 V, 20 A Silicon Carbide Schottky Diode
Rev. 0, April 2023
C6D50065D1 WOLFSPEED-C6D50065D1 Datasheet
888Kb / 8P
6th Generation 650 V, 50 A Silicon Carbide Schottky Diode
Rev. 0, March 2023
C6D50065H WOLFSPEED-C6D50065H Datasheet
946Kb / 8P
6th Generation 650 V, 50 A Silicon Carbide Schottky Diode
Rev. 0, April 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com