Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G53DP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC2G53DP
Description  2-channel analog multiplexer/demultiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G53DP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC2G53DP Datasheet HTML 2Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 3Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 4Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 5Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 6Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 9Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
74LVC2G53_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 31 March 2006
6 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
11. Static characteristics
Table 8.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C[1]
VIH
HIGH-state input voltage
VCC = 1.65 V to 1.95 V
0.65VCC --
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 3 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7VCC
--
V
VIL
LOW-state input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35VCC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3 V to 3.6 V
-
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
V
ILI
input leakage current
on pin S and pin E;
VI = 5.5 V or GND; VCC = 5.5 V
-
±0.1
±2
µA
IS(OFF)
OFF-state leakage current
per channel;
VSW = GND and VO =VCC
or VSW =VCC and VO = GND;
VCC = 5.5 V; see Figure 5
-
±0.1
±5
µA
IS(ON)
ON-state leakage current
per channel;
VSW = GND or VCC;VCC = 5.5 V;
see Figure 6
-
±0.1
±5
µA
ICC
quiescent supply current
VI =VCC or GND;
VSW = GND or VCC; IO =0A;
VCC = 5.5 V
-
0.1
10
µA
∆ICC
additional quiescent supply
current
per input pin;
VI =VCC − 0.6 V; VSW = GND or VCC;
IO = 0 A; VCC = 5.5 V
-
5
500
µA
Ci
input capacitance
-
2.5
-
pF
CS(OFF)
OFF-state capacitance
-
6.0
-
pF
CS(ON)
ON-state capacitance
-
18
-
pF
Tamb = −40 °C to +125 °C
VIH
HIGH-state input voltage
VCC = 1.65 V to 1.95 V
0.65VCC --
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 3 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7VCC
--
V
VIL
LOW-state input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35VCC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3 V to 3.6 V
-
-
0.8
V
VCC = 4.5 V to 5.5 V
-
0.3VCC
V
ILI
input leakage current
on pin S and pin E;
VI = 5.5 V or GND; VCC = 5.5 V
--
±10
µA
IS(OFF)
OFF-state leakage current
per channel;
VSW = GND and VO =VCC
or VSW =VCC and VO = GND;
VCC = 5.5 V; see Figure 5
--
±20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com