Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G53DP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC2G53DP
Description  2-channel analog multiplexer/demultiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G53DP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC2G53DP Datasheet HTML 5Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 6Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 9Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 10Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 11Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 12Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
74LVC2G53_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 31 March 2006
9 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
[1]
Typical values are measured at Tamb =25 °C and nominal VCC.
RON(peak)
ON resistance (peak)
VSW = GND to VCC
ISW = 4 mA; VCC = 1.65 V to 1.95 V
-
-
130
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
-
55
Ω
ISW = 12 mA; VCC = 2.7 V
-
-
35
Ω
ISW = 24 mA; VCC = 3 V to 3.6 V
-
-
25
Ω
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
-
20
Ω
Table 9.
Resistance Ron …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); see test circuit Figure 7.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RON = VSW / ISW
Fig 7.
Test circuit for measuring switch ON resistance
ISW
VSW
001aad392
S
A
E
B0
B1
VCC
GND
switch
switch
1
1
2
2
VIH
VIL
S
VIL
VIL
E
VSW
VIL or VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com