Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G53DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC2G53DP
Description  2-channel analog multiplexer/demultiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G53DP Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC2G53DP Datasheet HTML 1Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 2Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 3Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 4Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 5Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 6Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.
General description
The 74LVC2G53 is a high-performance, low-power, low-voltage, Si-gate CMOS device
that provides superior performance to most advanced CMOS compatible TTL families.
The 74LVC2G53 provides one analog multiplexer/demultiplexer with a digital select input
(S), two independent inputs/outputs (B0 and B1), a common input/output (A) and an
active LOW enable input (E). When pin E is HIGH, the switch is turned off.
The 74LVC2G53 can handle both analog and digital signals.
2.
Features
I Wide supply voltage range from 1.65 V to 5.5 V
I Very low ON resistance:
N 7.5 Ω (typical) at VCC = 2.7 V
N 6.5 Ω (typical) at VCC = 3.3 V
N 6 Ω (typical) at VCC =5V
I High noise immunity
I ESD protection:
N HBM JESD22-A114-C exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
N CDM JESD22-C101-C exceeds 1000 V
I CMOS low-power consumption
I Latch-up performance meets requirements of JESD 78 Class I
I Direct interface with TTL levels
I Control inputs accepts voltages up to 5 V
I Multiple package options
I Specified from −40 °C to +85 °C and from −40 °C to +125 °C
74LVC2G53
2-channel analog multiplexer/demultiplexer
Rev. 02 — 31 March 2006
Product data sheet


Similar Part No. - 74LVC2G53DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G53DP NXP-74LVC2G53DP Datasheet
144Kb / 23P
2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC2G53DP NEXPERIA-74LVC2G53DP Datasheet
329Kb / 23P
2-channel analog multiplexer/demultiplexer
Rev. 14 - 22 April 2021
More results

Similar Description - 74LVC2G53DP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
2-channel Analog Multiplexer / Demultiplexer
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
2-channel Analog Multiplexer/Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com