Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G53DP Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 74LVC2G53DP
Description  2-channel analog multiplexer/demultiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G53DP Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74LVC2G53DP Datasheet HTML 11Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 12Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 13Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 14Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 15Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 16Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 17Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 18Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
74LVC2G53_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 31 March 2006
15 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
14. Additional dynamic characteristics
Test data is given in Table 12.
Definitions test circuit:
RT = termination resistance (should be equal to output impedance Zo of the pulse generator).
CL = load capacitance (including jig and probe capacitance).
RL = load resistance.
VEXT = external voltage for measuring switching times.
Fig 12. Load circuitry for switching times
Table 12.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL ton, toff
HIGH to OFF
OFF to HIGH
LOW to OFF
OFF to LOW
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
Ω
open
GND
2
× VCC
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
Ω open
GND
2
× VCC
2.7 V
VCC
≤ 2.5 ns
50 pF
500
Ω open
GND
2
× VCC
3 V to 3.6 V
VCC
≤ 2.5 ns
50 pF
500
Ω open
GND
2
× VCC
4.5 V to 5.5 V
VCC
≤ 2.5 ns
50 pF
500
Ω open
GND
2
× VCC
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
PULSE
GENERATOR
Table 13.
Additional dynamic characteristics
At recommended operating conditions; typical values measured at Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
THD
total harmonic
distortion
fi = 600 Hz to 20 kHz;
RL = 600 Ω; CL =50pF;
Vi = 0.5 V (p-p); see Figure 13
VCC = 1.65 V
-
0.260
-
%
VCC = 2.3 V
-
0.078
-
%
VCC = 3.0 V
-
0.078
-
%
VCC = 4.5 V
-
0.078
-
%
f(-3dB)
−3 dB frequency
response
RL =50 Ω; CL = 5 pF;
see Figure 14
[1]
VCC = 1.65 V
-
200
-
MHz
VCC = 2.3 V
-
300
-
MHz
VCC = 3.0 V
-
300
-
MHz
VCC = 4.5 V
-
300
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com