Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G53DP Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 74LVC2G53DP
Description  2-channel analog multiplexer/demultiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G53DP Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 74LVC2G53DP Datasheet HTML 12Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 13Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 14Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 15Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 16Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 17Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 18Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 19Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
74LVC2G53_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 31 March 2006
16 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
[1]
Adjust fi voltage to obtain 0 dBm level at output. Increase fi frequency until dB meter reads −3dB.
[2]
Adjust fi voltage to obtain 0 dBm level at input.
[3]
Definition: Qinj = ∆VO × CL. Guaranteed by design.
α
OFF(ft)
OFF-state
feed-through
attenuation
RL =50 Ω; CL = 5 pF;
fi = 10 MHz; see Figure 15
[2]
VCC = 1.65 V
-
−42
-
dB
VCC = 2.3 V
-
−42
-
dB
VCC = 3.0 V
-
−40
-
dB
VCC = 4.5 V
-
−40
-
dB
Vct(sw-sw) crosstalk between
switches
RL =50 Ω; CL = 5 pF;
fi = 10 MHz; see Figure 16
VCC = 1.65 V
-
−68
-
dBV
VCC = 2.3 V
-
−70
-
dBV
VCC = 3.0 V
-
−70
-
dBV
VCC = 4.5 V
-
−70
-
dBV
Qinj
charge injection
CL = 0.1 nF; Vgen =0V;
Rgen =0 Ω; fi = 1 MHz;
RL =1MΩ; see Figure 17
[3]
VCC = 1.8 V
-
< 0.003
-
pC
VCC = 2.5 V
-
0.004
-
pC
VCC = 3.3 V
-
0.0045
-
pC
VCC = 4.5 V
-
0.0045
-
pC
VCC = 5.5 V
-
0.0045
-
pC
Fig 13. Test circuit for measuring total harmonic distortion
Table 13.
Additional dynamic characteristics …continued
At recommended operating conditions; typical values measured at Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
D
001aad394
600
Ω
10
µF
0.1
µF
S
A
B0
B1
VCC
0.5VCC
GND
CL
RL
switch
switch
1
1
2
2
VIH
VIL
S
VIL
VIL
E
fi
VIL or VIH
E
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com