Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CDB53L21
Description  Evaluation Board for CS53L21
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 5 Page - Cirrus Logic

  CDB53L21 Datasheet HTML 1Page - Cirrus Logic CDB53L21 Datasheet HTML 2Page - Cirrus Logic CDB53L21 Datasheet HTML 3Page - Cirrus Logic CDB53L21 Datasheet HTML 4Page - Cirrus Logic CDB53L21 Datasheet HTML 5Page - Cirrus Logic CDB53L21 Datasheet HTML 6Page - Cirrus Logic CDB53L21 Datasheet HTML 7Page - Cirrus Logic CDB53L21 Datasheet HTML 8Page - Cirrus Logic CDB53L21 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
DS700DB1
5
CDB53L21
1.5
CS8406 Digital Audio Transmitter
A complete description of the CS8406 transmitter (Figure 29 on page 25) and a discussion of the digital au-
dio interface are included in the CS8406 data sheet.
The CS8406 converts the PCM data generated by the CS53L21 to the standard S/PDIF data stream and
routes this signal to the optical and RCA connectors. The CS8406 operates in slave mode only, accepting
either a 128xFs or 256xFs master clock, and can operate in either the Left-Justified or I²S interface format.
Selections are made in the control port of the FPGA, accessible through the “General Configurations” tab
of the Cirrus FlexGUI software or through the on-board switches, “FPGA H/W Control.” Section 2. “Software
Mode Control” on page 7 and Section 3. “Hardware Mode Control” on page 13 provide configuration details.
1.6
Oscillator
The on-board oscillator provides one of the system master clocks. Selections are made in the control port
of the FPGA, accessible through the “General Configurations” tab of the Cirrus FlexGUI software or through
the on-board switches, “FPGA H/W Control.” Section 2. “Software Mode Control” on page 7 and Section 3.
“Hardware Mode Control” on page 13 provide configuration details.
The oscillator is mounted in pin sockets, allowing easy removal or replacement. Additional sockets are also
installed, allowing the optional use of a full- or half-can-sized oscillator.
1.7
I/O Stake Headers
The evaluation board has been designed to allow interfacing with external systems via a serial port header
(reference designation J5) and a control port header, “CS53L21 S/W Control.” The serial port header pro-
vides access to the serial audio signals required to interface with a DSP (Figure 31 on page 27). Selections
are made in the control port of the FPGA, accessible through the “General Configurations” tab of the Cirrus
FlexGUI software or through the on-board switches, “FPGA H/W Control.” Section 2. “Software Mode Con-
trol” on page 7 and Section 3. “Hardware Mode Control” on page 13 provide configuration details.
The control port header provides bidirectional access to the SPI™/I²C® control port signals by simply re-
moving all the shunt jumpers from the “PC” position. The user may then choose to connect a ribbon cable
to the “CONTROL” position, allowing operation of the CS53L21 in a user-application for system develop-
ment. A single “GND” row for the ribbon cable’s ground connection is provided to maintain signal integrity.
Two unpopulated pull-up resistors are also available should the user choose to use the CDB for the I²C pow-
er rail.
1.8
Analog Input
RCA connectors supply the line-level analog inputs through an AC-coupled passive filter. The signal from
these inputs may be driven to individual inputs or to all inputs of the CS53L21. A microphone may be con-
nected to one or both of the 1/8” jacks, MIC1 and MIC2.
To accommodate the microphone bias output available on certain input pins of the CS53L21, additional
stake headers are provided to MUX both the input audio signal and the output bias signal to or from the
CS53L21. Figure 28 on page 24 in the schematic set illustrates how signals are routed. Table 4 on page 21
provides more details for how to connect the jumpers. The CS53L21 data sheet details the required single-
ended signal amplitude that will drive the inputs to full scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com