Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB53L21
Description  Evaluation Board for CS53L21
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB53L21 Datasheet HTML 1Page - Cirrus Logic CDB53L21 Datasheet HTML 2Page - Cirrus Logic CDB53L21 Datasheet HTML 3Page - Cirrus Logic CDB53L21 Datasheet HTML 4Page - Cirrus Logic CDB53L21 Datasheet HTML 5Page - Cirrus Logic CDB53L21 Datasheet HTML 6Page - Cirrus Logic CDB53L21 Datasheet HTML 7Page - Cirrus Logic CDB53L21 Datasheet HTML 8Page - Cirrus Logic CDB53L21 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
Evaluation Board for CS53L21
Features
Selectable Analog Inputs
–
Stereo Line-Level RCA Jacks
–
Stereo Microphone 1/8” Jacks
Stereo Microphone Input Jacks
8- to 96-kHz S/PDIF Output
–
CS8406 Digital Audio Transmitter
I/O Stake Headers
–
External Control Port Accessibility
–
External DSP Serial Audio I/O Accessibility
Independent, Regulated Supplies
1.8 V to 3.3 V Logic Interface
Hardware Control
–
4 Pre-Defined Switch Settings
FlexGUI S/W Control - Windows® Compatible
–
Pre-Defined & User-Configurable Scripts
Layout and Grounding Recommendations
Description
The CDB53L21 evaluation board is an excellent means
for evaluating the CS53L21 ADC. Evaluation requires
an analog audio source, an analog/digital analyzer and
power supplies. Optionally, a Windows PC-compatible
computer may be used to evaluate the CS53L21 in Soft-
ware Mode.
System timing can be provided by the CS53L21 with
supplied master clock, or by using an I/O stake header
with a DSP connected.
RCA phono jacks are provided for the CS53L21 analog
inputs. 1/8” jacks are also available for microphone in-
puts. A digital data output is available from the CS8406
via RCA phono or optical connectors.
The Windows software provides a GUI to make config-
uration
of
the
CDB53L21
easy.
The
software
communicates through the PC’s serial port or USB port
to configure the control port registers so that all features
of the CS53L21 can be evaluated. The evaluation board
may also be configured to accept external timing and
data signals for operation in a user application during
system development.
ORDERING INFORMATION
CDB53L21
Evaluation Board
Analog Input
(Line or MIC)
Software Mode
Control Port
CS53L21
S/PDIF Output
(CS8406)
Clocks/Data Header
I²C/SPI Header
FPGA
Oscillator
(socket)
Reset
MCLK
Reset
Reset
MCLK
Reset
Hardware Mode
Switches
MARCH '06
DS700DB1
CDB53L21


Similar Part No. - CDB53L21

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB53L21 CIRRUS-CDB53L21 Datasheet
1Mb / 66P
Low Power, Stereo Analog to Digital Converter
More results

Similar Description - CDB53L21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
Evaluation Board for STR72xF
04-Oct-2005
logo
Cirrus Logic
CDB3308 CIRRUS-CDB3308 Datasheet
1Mb / 16P
Evaluation Board for CS3308
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB4265 CIRRUS-CDB4265 Datasheet
1Mb / 30P
Evaluation Board for CS4265
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
Evaluation Board for CS4352
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
Evaluation Board for CS4361
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
Evaluation Board for G
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com