Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB53L21
Description  Evaluation Board for CS53L21
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 9Page - Cirrus Logic CDB53L21 Datasheet HTML 10Page - Cirrus Logic CDB53L21 Datasheet HTML 11Page - Cirrus Logic CDB53L21 Datasheet HTML 12Page - Cirrus Logic CDB53L21 Datasheet HTML 13Page - Cirrus Logic CDB53L21 Datasheet HTML 14Page - Cirrus Logic CDB53L21 Datasheet HTML 15Page - Cirrus Logic CDB53L21 Datasheet HTML 16Page - Cirrus Logic CDB53L21 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
DS700DB1
13
CDB53L21
3. HARDWARE MODE CONTROL
The CDB may be configured without the use of a software control port through the use of two switches, “FPGA H/W
Control” and “CS53L21 H/W Control.” These switches are enabled in Hardware Mode only and ignored in Software
Mode. The CDB53L21 automatically enters Hardware Mode upon initial power up, or when exiting Software Mode,
by terminating the Cirrus FlexGUI software or by disconnecting the RS-232 serial cable or USB cable.
3.1
FPGA H/W Control
The “FPGA H/W Control” switch S3 sets up the CDB in 4 pre-defined routing topologies in Hardware Mode.
The tables and figures below describe each switch setting. The At-A-Glance Controls table provides a quick
reference for all presets.
Notes:
1.
The S[1] setting affects FPGA signal routing only and is independent of the M/S setting of the “CS53L21
H/W Control” switch S5. These settings must be made manually by the user and have to be consistent.
At-A-Glance Controls
S[3:2]
S[1] (See Note 1.)
S[0]
00 - Reserved
0 - CS53L21 Slave Routing
1 - CS53L21 Master Routing
0 - No Loopback Routing
1 - Reserved
01 - I/O Header MCLK / I/O Header clocks/data route through
FPGA
10 - Oscillator MCLK / I/O Header clocks/data route through FPGA
11 - Reserved
Signal
Routing
S[3:0]
General Description
Detailed Description
0
0000
Reserved
1
0001
Reserved
2
0010
Reserved
3
0011
Reserved
I/O MCLK
4
Figure 6
0100
I/O Clocks/Data
1) I/O masters MCLK. 2) I/O masters PCM clocks.
3) SDOUT to CS8406 and I/O Header
5
0101
Reserved
6
Figure 7
0110
CS53L21 Clocks, I/O Data
1) I/O masters MCLK. 2) CS53L21 masters PCM clocks.
3) SDOUT to CS8406 and I/O Header
7
0111
Reserved
Oscillator MCLK
8
Figure 8
1000
I/O Clocks/Data
1) Oscillator masters MCLK. 2) I/O masters PCM clocks.
3) SDOUT to CS8406 and I/O Header
9
1001
Reserved
10
Figure 9
1010
CS53L21 Clocks, I/O Data
1) Oscillator masters MCLK. 2) CS53L21 masters PCM clocks.
3) SDOUT to CS8406 and I/O Header
11
1011
Reserved
12-15 Reserved
Table 1. MCLK and Clock/Data Routing Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com