Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CDB53L21
Description  Evaluation Board for CS53L21
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 3Page - Cirrus Logic CDB53L21 Datasheet HTML 4Page - Cirrus Logic CDB53L21 Datasheet HTML 5Page - Cirrus Logic CDB53L21 Datasheet HTML 6Page - Cirrus Logic CDB53L21 Datasheet HTML 7Page - Cirrus Logic CDB53L21 Datasheet HTML 8Page - Cirrus Logic CDB53L21 Datasheet HTML 9Page - Cirrus Logic CDB53L21 Datasheet HTML 10Page - Cirrus Logic CDB53L21 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
DS700DB1
7
CDB53L21
2. SOFTWARE MODE CONTROL
The CDB53L21 may be used with the Microsoft Windows-based FlexGUI graphical user interface, allowing software
control of the CS53L21 and FPGA registers. The latest control software may be downloaded from
www.cirrus.com/msasoftware. Step-by-step instructions for setting up the FlexGUI are provided as follows:
1.
Download and install the FlexGUI software as instructed on the Website.
2.
Connect and apply power to the +5.0 V binding post.
3.
Connect the CDB to the host PC using either a 9-pin serial or USB cable.
4.
Launch the Cirrus FlexGUI. Once the GUI is launched successfully, all registers are set to their default reset
state.
5.
Enable the CS53L21 by engaging the “Enable CS53L21” push button.
6.
Refresh the GUI by clicking on the “Update” button. The default state of all registers are now visible.
7.
Engage and then disengage the “Power Down” push button in the “ADC Basic Configurations” group. This
performs the necessary write sequence to the CS53L21 for Software Mode operation.
For standard setup:
8.
Set up the signal routing in the “General Configurations” tab as desired.
9.
Set up the CS53L21 in the “ADC Configuration”, “ADC Volume Controls” or “Mix Volume Controls” tab as
desired.
10. Begin evaluating the CS53L21.
For quick setup, the CDB53L21 may, alternatively, be configured by loading a predefined sample script file:
11. On the File menu, click "Restore Board Registers..."
12. Browse to Boards\CDB53L21\Scripts\.
13. Choose any one of the provided scripts to begin evaluation.
To create personal scripts files:
14. On the File menu, click "Save Board Registers..."
15. Enter any name that sufficiently describes the created setup.
16. Choose the desired location and save the script.
17. To load this script, follow the instructions from step 11 above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com