Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CDB53L21
Description  Evaluation Board for CS53L21
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 17Page - Cirrus Logic CDB53L21 Datasheet HTML 18Page - Cirrus Logic CDB53L21 Datasheet HTML 19Page - Cirrus Logic CDB53L21 Datasheet HTML 20Page - Cirrus Logic CDB53L21 Datasheet HTML 21Page - Cirrus Logic CDB53L21 Datasheet HTML 22Page - Cirrus Logic CDB53L21 Datasheet HTML 23Page - Cirrus Logic CDB53L21 Datasheet HTML 24Page - Cirrus Logic CDB53L21 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DS700DB1
21
CDB53L21
JMP
LABEL
PURPOSE
POSITION
FUNCTION SELECTED
J31
VL
Selects source of voltage for
the VL supply
*+1.8V
Voltage source is +1.8 V regulator.
+2.5V
Voltage source is +2.5 V regulator.
+3.3V
Voltage source is +3.3 V regulator.
J25
VA
Selects source of voltage for
the VA supply
*+1.8V
Voltage source is +1.8 V regulator.
+2.5V
Voltage source is +2.5 V regulator. .
J28
VD
Selects source of voltage for
the VD supply
*+1.8V
Voltage source is +1.8 V regulator.
+2.5V
Voltage source is +2.5 V regulator. .
J52
J47
J53
VL
VA
VD
Current Measurement
*SHUNTED
1
Ω series resistor is shorted.
OPEN
1
Ω series resistor in power supply path.
J2
LINEB MUX
Selects signal source for the
ADC I/O
(AIN3B
Select)
LINEB signal routed to jumper J8.
(AIN2B
Select)
LINEB signal routed to jumper J3.
*AIN1B
LINEB signal routed to AIN1B of ADC.
J1
LINEA MUX
Selects signal source for the
ADC I/O
(AIN3A
Select)
LINEA signal routed to jumper J14.
AIN2A
LINEA signal routed to AIN2A of ADC.
*AIN1A
LINEA signal routed to AIN1A of ADC.
J3
(AIN2B
Select)
Selects signal source for MIC1
and MIC2 bias or signal source
for the ADC input
BIAS1 to
MIC2
Bias on AIN2B of ADC routed to jumper J12.
BIAS1 to
MIC1
Bias on AIN2B of ADC routed to MIC1.
*LINEB
LINEB MUX routed to AIN2B of ADC.
J8
(AIN3B
Select)
Selects signal source for MIC2
bias or signal source for the
ADC input
BIAS2 to
MIC2
Bias on AIN3B of ADC routed to jumper J12.
MIC2
MIC2 signal routed to AIN3B of ADC.
*LINEB
LINEB MUX routed to AIN3B of ADC.
J14
(AIN3A
Select)
Selects signal source for the
ADC input
MIC2
MIC2 signal routed to AIN3A of ADC.
MIC1
MIC1 signal routed to AIN3A of ADC.
*LINEA
LINEA MUX routed to AIN3A of ADC.
J12
MIC2 Bias
Selects bias for MIC2
BIAS1
J3 (for Bias on AIN2B of ADC) routed to MIC2.
BIAS2
J8 (for Bias on AIN3B of ADC) routed to MIC2.
*Not con-
nected
Jumper placed on pin 2.
*Default factory settings
Table 4. Jumper Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com