Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L52 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 12Page - Cirrus Logic CS42L52 Datasheet HTML 13Page - Cirrus Logic CS42L52 Datasheet HTML 14Page - Cirrus Logic CS42L52 Datasheet HTML 15Page - Cirrus Logic CS42L52 Datasheet HTML 16Page - Cirrus Logic CS42L52 Datasheet HTML 17Page - Cirrus Logic CS42L52 Datasheet HTML 18Page - Cirrus Logic CS42L52 Datasheet HTML 19Page - Cirrus Logic CS42L52 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
16
DS680A1
CS42L52
ANALOG OUTPUT CHARACTERISTICS (AUTOMOTIVE - DNZ)
(Test conditions (unless otherwise specified): Input test signal is a full-scale 997 Hz sine wave; VL = VD = VHP = 1.8 V;
TA = -40 to +85°C; Measurement bandwidth is 10 Hz to 20 kHz; Sample Frequency = 48 kHz and 96 kHz; test load RL = 10 kΩ,
CL = 10 pF for the line output (see Figure 2), and test load RL = 16 Ω, CL = 10 pF (see Figure 2) for the headphone output.
HPGAIN[2:0] = 011.)
8. See Figure 2. RL and CL reflect the recommended minimum resistance and maximum capacitance re-
quired for the internal op-amp's stability and signal integrity. In this circuit topology, CL will effectively
move the band-limiting pole of the amp in the output stage. Increasing this value beyond the recom-
mended 150 pF can cause the internal op-amp to become unstable.
VA = 2.37 - 2.5 V
VA = 1.65 - 1.89 V
Parameters (Note 6)
Min
Typ
Max
Min
Typ
Max
Unit
RL = 10 kΩ
Dynamic Range
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
90
87
-
-
98
95
96
93
-
-
-
-
87
84
-
-
95
92
93
90
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-86
-75
-35
-86
-73
-33
-78
-
-27
-
-
-
-
-
-
-
-
-
-88
-72
-32
-88
-70
-30
-80
-
-24
-
-
-
dB
dB
dB
dB
dB
dB
RL = 16 Ω
Dynamic Range
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
90
87
-
-
98
95
96
93
-
-
-
-
87
84
-
-
95
92
93
90
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-75
-75
-35
-75
-73
-33
-67
-
-27
-
-
-
-
-
-
-
-
-
-75
-72
-32
-75
-70
-30
-67
-
-24
-
-
-
dB
dB
dB
dB
dB
dB
Other Characteristics for RL = 16 Ω or 10 kΩ
Output Parameters
Modulation Index (MI)
(Note 7)
Analog Gain Multiplier (G)
-
0.6787
0.6047
-
-
0.6787
0.6047
-
Full-scale Output Voltage (2•G•MI•VA)
(Note 7) Refer to the table in “Line Output Voltage Level Charac-
teristics” on page 18
Vpp
Full-scale Output Power
(Note 7) Refer to the table in “Headphone Output Power Characteristics” on
page 19
Interchannel Isolation (1 kHz)
16
Ω
10 k
Ω
-
-
80
95
-
-
-
-
80
93
-
-
dB
dB
Speaker Amp to HP Amp Isolation
-
80
-
-
80
-
dB
Interchannel Gain Mismatch
-
0.1
0.25
-
0.1
0.25
dB
Gain Drift
-
±100
-
-
±100
-
ppm/°C
AC-Load Resistance (RL)
(Note 8)
16
-
-
16
-
-
Ω
Load Capacitance (CL)
(Note 8)
-
-
150
-
-
150
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com