Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L52 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 39Page - Cirrus Logic CS42L52 Datasheet HTML 40Page - Cirrus Logic CS42L52 Datasheet HTML 41Page - Cirrus Logic CS42L52 Datasheet HTML 42Page - Cirrus Logic CS42L52 Datasheet HTML 43Page - Cirrus Logic CS42L52 Datasheet HTML 44Page - Cirrus Logic CS42L52 Datasheet HTML 45Page - Cirrus Logic CS42L52 Datasheet HTML 46Page - Cirrus Logic CS42L52 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
DS680A1
43
CS42L52
6.2.3
Power Down ADCx
Configures the power state of ADC channel x.
Notes:
1. The CS42L52 employs a clever scheme for controlling the power to the ADC when PASSTHRU
(“Passthru Analog” on page 52) and PDN_OVRD (“Power Down ADC Override” on page 43) are
enabled. Refer to the referenced application.
6.2.4
Power Down
Configures the power state of the entire CODEC.
6.3
Power Control 2 (Address 03h)
6.3.1
Power Down ADC Override
Configures an override of the power down control for ADCx.
6.3.2
Power Down MICx
Configures the power state of the microphone pre-amplifier for channel x.
6.3.3
Power Down MIC Bias
Configures the power state of the microphone bias circuit.
PDN_ADCx
ADC Status
0
Powered Up
1
Powered Down
Application
“Analog In to Analog Out Passthru” on page 32
PDN
CODEC Status
0
Powered Up
1
Powered Down
7
6
5
432
10
Reserved
Reserved
Reserved
OVRDB
OVRDA
PDN_MICB
PDN_MICA
PDN_BIAS
OVRDx
PDN_ADC Override
0
Disable
1
Enable
Application
“Analog In to Analog Out Passthru” on page 32
PDN_MICx
MIC Pre-Amp Status
0
Powered Up
1
Powered Down
Application
“MIC Inputs” on page 27
PDN_BIAS
MIC Bias Status
0
Powered Up
1
Powered Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com