Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L52 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 28Page - Cirrus Logic CS42L52 Datasheet HTML 29Page - Cirrus Logic CS42L52 Datasheet HTML 30Page - Cirrus Logic CS42L52 Datasheet HTML 31Page - Cirrus Logic CS42L52 Datasheet HTML 32Page - Cirrus Logic CS42L52 Datasheet HTML 33Page - Cirrus Logic CS42L52 Datasheet HTML 34Page - Cirrus Logic CS42L52 Datasheet HTML 35Page - Cirrus Logic CS42L52 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
32
DS680A1
CS42L52
4.4
Analog In to Analog Out Passthru
The CS42L52 accommodates analog routing of the analog input signal directly to the headphone amplifiers.
This feature is useful in applications that utilize an FM tuner where audio recovered over-the-air must be
transmitted to the headphone amplifier without digital conversion in the ADC and DAC. This analog passthru
path reduces power consumption and is immune to modulator switching noise that could interfere with some
tuners.
4.4.1
Overriding the ADC Power Down
To accommodate automatic activation of the speaker amplifier when the SPK/HP_SW switch pin chang-
es, the CS42L52 provides the option to automatically power up the ADC whenever the analog signal must
route to the digital PWM modulator, regardless of the PDN_ADC bit. Refer to the table below for how this
ADC power-down override functions in accord with the state of the speaker channels. The shaded cells
represent normal ADC operation when passthru is disabled.
When PASSTHRU and PDN_OVRD are enabled, turning the speaker channel ON (by writing ‘11’b to
SPKx_PDN[1:0] or by automatic activation of the headphone detect switch, SPK/HP_SW) will automati-
cally disable the ADCx_PDN in order to convert the analog input to a digital signal for the PWM modulator.
This allows automatic analog input routing to the speaker amplifiers.
PDN_ADC
PASSTHRU
PDN_OVRD
Speaker Channel
ADC Status
0
x
x
x
Powered UP
1
0
x
x
Powered DOWN
1
0
x
Powered DOWN
1
OFF
Powered DOWN
ON
Powered UP
MA X [2 :0 ]
O u tput
(a fter Lim ite r)
In p u t
RRAT E[5 :0 ]
ARAT E[5 :0 ]
Vo lu m e
Lim ite r
C U S H [2 :0 ]
AT T ACK/RE L E A S E SOU N D
CUS H IO N
MA X [2 :0 ]
Figure 14. Peak Detect & Limiter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com