Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L52 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 29Page - Cirrus Logic CS42L52 Datasheet HTML 30Page - Cirrus Logic CS42L52 Datasheet HTML 31Page - Cirrus Logic CS42L52 Datasheet HTML 32Page - Cirrus Logic CS42L52 Datasheet HTML 33Page - Cirrus Logic CS42L52 Datasheet HTML 34Page - Cirrus Logic CS42L52 Datasheet HTML 35Page - Cirrus Logic CS42L52 Datasheet HTML 36Page - Cirrus Logic CS42L52 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
DS680A1
33
CS42L52
4.4.2
Overriding the PGA Power Down
To accommodate automatic activation of the headphone amplifier when the SPK/HP_SW switch pin
changes, the CS42L52 will automatically power up the PGA whenever passthru is enabled, regardless of
the PDN_PGA setting. Refer to the table below for how this PGA power-down override functions in accord
with the state of the headphone channels. The shaded cells represent normal PGA operation when
Passthru is disabled.
When Passthru is enabled, turning the headphone channel ON (by writing ‘11’b to HPx_PDN[1:0] or by
automatic activation of the headphone detect switch, SPK/HP_SW) will automatically disable the
PGAx_PDN in order to transmit the analog signal to the headphone.
4.5
PWM Outputs
4.5.1
Mono Speaker Output Configuration
The CS42L52 accommodates a stereo as well as a mono speaker output configuration. In mono mode
the output drivers of each channel are connected in parallel to deliver maximum power to a 4 ohm speak-
er. Refer to the table below for pin mapping in mono configuration.
4.5.2
VP Battery Compensation
The CS42L52 provides the option to maintain a desired power output level, independent of the VP supply.
When enabled, this feature works by monitoring the voltage on the VP supply and reducing the attenua-
tion on the speaker outputs when VP voltage levels fall.
Note: The internal ADC that monitors the VP supply operates from the VA supply. Calculations are based on typ-
ical VA levels of 1.8 V and 2.5 V using the VPREF bits.
Referenced Control
Register Location
PDN_ADCx .........................
PASSTHRU.........................
PDN_OVRD ........................
SPKx_PDN[1:0]...................
“Power Down ADCx” on page 43
“Passthru Analog” on page 52
“Power Down ADC Override” on page 43
“Speaker Power Control” on page 44
PDN_PGA
PASSTHRU
HP Channel
PGA Status
0
x
x
Powered UP
1
0
x
Powered DOWN
1
OFF
Powered DOWN
ON
Powered UP
Referenced Control
Register Location
PDN_PGAx .........................
PASSTHRU.........................
HPx_PDN[1:0].....................
“Power Down PGAx” on page 42
“Passthru Analog” on page 52
“Headphone Power Control” on page 44
Pin
Speaker Output
SPKMONO=0
SPKMONO=1
SPKSWAP=0
SPKSWAP=1
SPKSWAP=0
SPKSWAP=1
4
SPKOUTA+
SPKOUTB+
SPKOUTA+
SPKOUTB+
6
SPKOUTA-
SPKOUTB-
SPKOUTA+
SPKOUTB+
7
SPKOUTB+
SPKOUTA+
SPKOUTA-
SPKOUTB-
9
SPKOUTB-
SPKOUTA-
SPKOUTA-
SPKOUTB-
Referenced Control
Register Location
SPKMONO..........................
SPKSWAP...........................
“Speaker MONO Control” on page 54
“Speaker Channel Swap” on page 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com