Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPM3-1700-R020E Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # CPM3-1700-R020E
Description  Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CPM3-1700-R020E Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  CPM3-1700-R020E Datasheet HTML 1Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 2Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 3Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 4Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 5Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 6Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
CPM3-1700-R020E Rev. 1 , 09-2021
Electrical Characteristics (T
C = 25˚C unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test Conditions
Note
V(BR)DSS
Drain-Source Breakdown Voltage
1700
V
VGS = 0 V, ID = 40 μA
VGS(th)
Gate Threshold Voltage
1.8
2.5
3.6
V
VDS = VGS, ID = 25.4 mA
Fig. 11
2.0
V
VDS = VGS, ID = 25.4 mA, TJ = 175ºC
IDSS
Zero Gate Voltage Drain Current
1
40
μA
VDS = 1700 V, VGS = 0 V
IGSS
Gate-Source Leakage Current
1
250
nA
VGS = 15 V, VDS = 0 V
R
DS(on)
Drain-Source On-State Resistance
12.3
17.5
22.8
mΩ
VGS = 15 V, ID = 92.2 A
Fig. 4,
5, 6
40.3
VGS = 15 V, ID = 92.2 A, TJ = 175ºC
gfs
Transconductance
63
S
VDS= 20 V, IDS= 92.2 A
Fig. 7
61
VDS= 20 V, IDS= 92.2 A, TJ = 175ºC
Ciss
Input Capacitance
7667
pF
VGS = 0 V, VDS = 1000 V
f = 100 kHz
VAC = 25 mV
Fig. 17,
18
Coss
Output Capacitance
188
Crss
Reverse Transfer Capacitance
10
Eoss
Coss Stored Energy
292
μJ
Fig. 16
RG(total)
Total Internal Gate Resistance
5.2
7.4
9.6
Ω
f = 1 MHz, VAC = 25 mV
Qgs
Gate to Source Charge
80
nC
VDS = 1200 V, VGS = -4 V/15 V
ID = 92.2 A
Per IEC60747-8-4 pg 21
Fig. 12
Qgd
Gate to Drain Charge
70
Qg
Total Gate Charge
249
Reverse Diode Characteristics (T
C = 25˚C unless otherwise specified)
rse Diode Characteristics (TC = 25˚C unless otherwise
secified)1
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
VSD
Diode Forward Voltage
4.9
V
V
GS = -4 V, ISD = 46.1 A, TJ = 25 °C
Fig. 8,
9, 10
4.3
V
V
GS = -4 V, ISD = 46.1 A, TJ = 175 °C
t
rr
Reverse Recovery time
43
ns
V
GS = -4 V, IF = 92.2 A, VR = 1200 V
dif/dt = 4000 A/µs, T
J = 175 °C
Q
rr
Reverse Recovery Charge
2557
nC
I
rrm
Peak Reverse Recovery Current
87
A
Note: When using SiC Body Diode the maximum recommended V
GS = -4V
Specifications at -55°C and +175°C are not tested and are guaranteed by design and characterization



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com