Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPM3-1700-R020E Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # CPM3-1700-R020E
Description  Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CPM3-1700-R020E Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  CPM3-1700-R020E Datasheet HTML 1Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 2Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 3Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 4Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 5Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 6Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
CPM3-1700-R020E Rev. 1 , 09-2021
Typical Performance
Figure 15. 3rd Quadrant Characteristic at 175 ºC
Figure 13. 3rd Quadrant Characteristic at -55 ºC
Figure 14. 3rd Quadrant Characteristic at 25 ºC
Figure 16. Output Capacitor Stored Energy
Figure 17. Capacitances vs. Drain-Source
Voltage (0 - 200V)
Figure 18. Capacitances vs. Drain-Source
Voltage (0 - 1800V)
-300
-250
-200
-150
-100
-50
0
-10
-8
-6
-4
-2
0
Drain-Source Voltage VDS (V)
Conditions:
Tj = -55 °C
tp < 200 µs
VGS = 10 V
VGS = 5 V
VGS = 15 V
VGS = 0 V
-300
-250
-200
-150
-100
-50
0
-10
-8
-6
-4
-2
0
Drain-Source Voltage VDS (V)
Conditions:
Tj = 25 °C
tp < 200 µs
VGS = 10 V
VGS = 5 V
VGS = 15 V
VGS = 0 V
-300
-250
-200
-150
-100
-50
0
-12
-10
-8
-6
-4
-2
0
Drain-Source Voltage VDS (V)
Conditions:
Tj = 175 °C
tp < 200 µs
VGS = 10 V
VGS = 5 V
VGS = 15 V
VGS = 0 V
All the graphs are based on the TO-247-4L (which has higher thermal resistance than most packages)
0
50
100
150
200
250
300
0
200
400
600
800
1000
1200
1400
1600
1800
Drain to Source Voltage, VDS (V)
1
10
100
1000
10000
100000
0
50
100
150
200
Drain-Source Voltage, VDS (V)
Ciss
Coss
Conditions:
TJ = 25 °C
VAC = 25 mV
f = 100 kHz
Crss
1
10
100
1000
10000
0
200
400
600
800
1000
1200
1400
1600
1800
Drain-Source Voltage, VDS (V)
Ciss
Coss
Conditions:
TJ = 25 °C
VAC = 25 mV
f = 100 kHz
Crss



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com