Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPM3-1700-R020E Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # CPM3-1700-R020E
Description  Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CPM3-1700-R020E Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  CPM3-1700-R020E Datasheet HTML 1Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 2Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 3Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 4Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 5Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 6Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
CPM3-1700-R020E Rev. 1 , 09-2021
Typical Performance
Figure 8. Body Diode Characteristic at -55 ºC
Figure 9. Body Diode Characteristic at 25 ºC
Figure 10. Body Diode Characteristic at 175 ºC
Figure 7. Transfer Characteristic for
Various Junction Temperatures
Figure 11. Threshold Voltage vs. Temperature
Figure 12. Gate Charge Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-55
-30
-5
20
45
70
95
120
145
170
Junction Temperature TJ (°C)
Conditons
VGS = VDS
IDS = 25.4 mA
All the graphs are based on the TO-247-4L (which has higher thermal resistance than most packages)
0
20
40
60
80
100
120
140
160
180
200
0
2
4
6
8
10
12
14
Gate-Source Voltage, VGS (V)
Conditions:
VDS = 20 V
tp < 200 µs
TJ = 25 °C
TJ = -55 °C
TJ = 175 °C
-300
-250
-200
-150
-100
-50
0
-10
-8
-6
-4
-2
0
Drain-Source Voltage VDS (V)
Conditions:
Tj = -55°C
tp < 200 µs
VGS = -2 V
VGS = -4 V
VGS = 0 V
-300
-250
-200
-150
-100
-50
0
-10
-8
-6
-4
-2
0
Drain-Source Voltage VDS (V)
Conditions:
Tj = 25°C
tp < 200 µs
VGS = -2 V
VGS = -4 V
VGS = 0 V
-300
-250
-200
-150
-100
-50
0
-8
-7
-6
-5
-4
-3
-2
-1
0
Drain-Source Voltage VDS (V)
Conditions:
Tj = 175°C
tp < 200 µs
VGS = -2 V
VGS = -4 V
VGS = 0 V
-4
0
4
8
12
16
0
40
80
120
160
200
240
280
Gate Charge, QG (nC)
Conditions:
IDS = 92.2 A
IGS = 50 mA
VDS = 1200 V
TJ = 25 °C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com