Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPM3-1700-R020E Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # CPM3-1700-R020E
Description  Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CPM3-1700-R020E Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  CPM3-1700-R020E Datasheet HTML 1Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 2Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 3Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 4Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 5Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 6Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
CPM3-1700-R020E Rev. 1 , 09-2021
CPM3-1700-R020E
Silicon Carbide Power MOSFET
C3M
TM MOSFET Technology
N-Channel Enhancement Mode
Features
• C3M SiC MOSFET technlogy
• High Blocking Voltage with Low R
DS(on)
• Easy to parallel and simple to drive
• Resistant to Latch-up
Benefits
• Higher System Efficiency
• Low Conduction Losses over Temperature
• Reduced Cooling Requirements
• Increased System Switching Frequency
Applications
• Solid-state Circuit Breaker
• Industrial Inverters / Converters
• Uninterruptible Power Supply
Chip Outline
Part Number
Die Size (mm)
CPM3-1700-R020E
Please contact your sales rep-
resentative to get die size and
layout information
V
DS
1700 V
I
D @ 25˚C
120 A
R
DS(on)
18 mΩ
Maximum Ratings
Stress beyond those listed under absolute maximum ratings may cause permanent damage to the device. Exposure to absolute maximum
rated conditions for an extended period may affect device reliability.
Symbol
Parameter
Value
Unit
VDSmax
Drain - Source Voltage, T
vj ≥ -55 ˚C
1700
V
VGSmax
Max Gate - Source Voltage
-8/+19
V
VGS, DC
Recommended Static Gate - Source Voltage
-4/+15
V
ID
1
Continuous Drain Current, limited by T
vjmax, VGS
= 15V, assumes R
th(j-c) < 0.275 K/W
T
C = 25 ˚C
120
A
T
C = 100 ˚C
86
ID(pulse)
1
Pulsed Drain Current, t
p limited by Tvjmax
249
A
T
VJ , Tstg
1
Virtual Junction and Storage Temperature
-55 to +175
˚C
T
Proc
Maximum Processing Temperature, in non-reactive ambient environment
325
˚C
1
Verified by design
G - Gate
S - Source
D - Drain


Similar Part No. - CPM3-1700-R020E

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CPM3-1200-0013A WOLFSPEED-CPM3-1200-0013A Datasheet
484Kb / 7P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 2, 02-2020
CPM3-1200-0016A WOLFSPEED-CPM3-1200-0016A Datasheet
566Kb / 8P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 2, 01-2021
CPM3-1200-0021A WOLFSPEED-CPM3-1200-0021A Datasheet
471Kb / 7P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 1 01-2020
CPM3-1200-0032A WOLFSPEED-CPM3-1200-0032A Datasheet
1Mb / 7P
Wolfspeed SiC Gen 3 MOSFET
Rev. 03, July 2024
CPM3-1200-0075A WOLFSPEED-CPM3-1200-0075A Datasheet
420Kb / 7P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 2, 03-2020
More results

Similar Description - CPM3-1700-R020E

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C3M0021120D WOLFSPEED-C3M0021120D Datasheet
807Kb / 10P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 1, 02-2021
C3M0025065K WOLFSPEED-C3M0025065K Datasheet
1Mb / 13P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 2, OCTOBER 2022
C3M0032120D WOLFSPEED-C3M0032120D Datasheet
792Kb / 11P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
Rev. -, 08-2019
C3M0032120J1 WOLFSPEED-C3M0032120J1 Datasheet
964Kb / 11P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 2, 12-2020
C3M0032120K WOLFSPEED-C3M0032120K Datasheet
1Mb / 12P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 3, 11-2020
C3M0060065K WOLFSPEED-C3M0060065K Datasheet
1Mb / 12P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 3, 07-2020
C3M0065090J WOLFSPEED-C3M0065090J Datasheet
935Kb / 10P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
Rev. D, 06-2019
C3M0120065K WOLFSPEED-C3M0120065K Datasheet
1Mb / 12P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
Rev 1, 01-2021
C3M0065100J WOLFSPEED-C3M0065100J Datasheet
1,008Kb / 10P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 1, 09-2020
C3M0065100K WOLFSPEED-C3M0065100K Datasheet
974Kb / 11P
Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 4, 09-2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com