Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPM3-1700-R020E Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # CPM3-1700-R020E
Description  Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CPM3-1700-R020E Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  CPM3-1700-R020E Datasheet HTML 1Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 2Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 3Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 4Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 5Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 6Page - WOLFSPEED, INC. CPM3-1700-R020E Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
CPM3-1700-R020E Rev. 1 , 09-2021
Figure 2. Output Characteristics TJ = 25 ºC
Typical Performance
Figure 5. On-Resistance vs. Drain Current
For Various Temperatures
Figure 1. Output Characteristics TJ = -55 ºC
Figure 3. Output Characteristics TJ = 175 ºC
Figure 4. Normalized On-Resistance vs. Temperature
Figure 6. On-Resistance vs. Temperature
For Various Gate Voltage
0
50
100
150
200
250
300
0.0
2.0
4.0
6.0
8.0
10.0
12.0
Drain-Source Voltage, VDS (V)
Conditions:
Tj = -55 °C
tp = < 200 µs
VGS = 7V
VGS = 13V
VGS = 11V
VGS = 9V
VGS = 15V
0
50
100
150
200
250
300
0.0
2.0
4.0
6.0
8.0
10.0
12.0
Drain-Source Voltage, VDS (V)
Conditions:
Tj = 25 °C
tp = < 200 µs
VGS = 7V
VGS = 13V
VGS = 11V
VGS = 9V
VGS = 15V
0
50
100
150
200
250
300
0.0
2.0
4.0
6.0
8.0
10.0
12.0
Drain-Source Voltage, VDS (V)
Conditions:
Tj = 175 °C
tp = < 200 µs
VGS = 7V
VGS = 13V
VGS = 11V
VGS = 9V
VGS = 15V
All the graphs are based on the TO-247-4L (which has higher thermal resistance than most packages)
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
150
175
Junction Temperature, Tj (°C)
Conditions:
IDS = 92.2 A
VGS = 15 V
tp < 200 µs
0
10
20
30
40
50
60
0
50
100
150
200
250
300
Drain-Source Current, IDS (A)
Conditions:
VGS = 15 V
tp < 200 µs
Tj = 175 °C
Tj = -55 °C
Tj = 25 °C
0
5
10
15
20
25
30
35
40
45
-50
-25
0
25
50
75
100
125
150
175
Junction Temperature, Tj (°C)
Conditions:
IDS = 92.2 A
tp < 200 µs
VGS = 15 V
VGS = 13 V
VGS = 11 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com