Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA362802FC-V1-R0 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # GTRA362802FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 – 3600 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA362802FC-V1-R0 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  GTRA362802FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GTRA362802FC
3
Rev. 04.3, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (data taken in production test fixture)
Figure 1. Single-carrier WCDMA Drive-up
Figure 3. Single-carrier WCDMA Broadband Performance
Figure 2. Single-carrier WCDMA Broadband Performance
Figure 4. CW Performance
0
10
20
30
40
50
60
-70
-60
-50
-40
-30
-20
-10
32
37
42
47
52
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 140 mA,
VGS(PEAK) = -5.5 V, ƒ = 3600 MHz, 3GPP
WCDMA signal, PAR = 10 dB, BW = 3.84 MHz
ACPU
ACPL
Efficiency
gtra362802fc_g2
-35
-30
-25
-20
-15
-10
-5
0
-55
-50
-45
-40
-35
-30
-25
-20
3100
3300
3500
3700
3900
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 140 mA,
VGS(PEAK) = -5.5 V, POUT = 46.4 dBm,
3GPP WCDMA signal, PAR = 10 dB
ACPU
ACPL
IRL
gtra362802fc_g4
0
10
20
30
40
50
10
12
14
16
18
20
3100
3300
3500
3700
3900
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 140 mA,
VGS(PEAK) = -5.5 V, POUT = 46.4 dBm,
3GPP WCDMA signal, PAR = 10 dB
Efficiency
Gain
gtra362802fc_g3
0
10
20
30
40
50
60
70
10
11
12
13
14
15
16
17
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance
VDD = 48 V, IDQ(MAIN) = 140 mA,
VGS(PEAK) = -5.5 V
3400 MHz Gain
3500 MHz Gain
3600 MHz Gain
3400 MHz Eff
3500 MHz Eff
3600 MHz Eff
gtra362802fc_g5
0
10
20
30
40
50
60
-70
-60
-50
-40
-30
-20
-10
32
37
42
47
52
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 140 mA,
VGS(PEAK) = -5.5 V, ƒ = 3600 MHz, 3GPP
WCDMA signal, PAR = 10 dB, BW = 3.84 MHz
ACPU
ACPL
Efficiency
gtra362802fc_g2
-35
-30
-25
-20
-15
-10
-5
0
-55
-50
-45
-40
-35
-30
-25
-20
3100
3300
3500
3700
3900
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 140 mA,
VGS(PEAK) = -5.5 V, POUT = 46.4 dBm,
3GPP WCDMA signal, PAR = 10 dB
ACPU
ACPL
IRL
gtra362802fc_g4
0
10
20
30
40
50
10
12
14
16
18
20
3100
3300
3500
3700
3900
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 140 mA,
VGS(PEAK) = -5.5 V, POUT = 46.4 dBm,
3GPP WCDMA signal, PAR = 10 dB
Efficiency
Gain
gtra362802fc_g3
0
10
20
30
40
50
60
70
10
11
12
13
14
15
16
17
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance
VDD = 48 V, IDQ(MAIN) = 140 mA,
VGS(PEAK) = -5.5 V
3400 MHz Gain
3500 MHz Gain
3600 MHz Gain
3400 MHz Eff
3500 MHz Eff
3600 MHz Eff
gtra362802fc_g5
Ordering Information
Type and Version
Order Code
Package Description
Shipping
GTRA362802FC V1 R0
GTRA362802FC-V1-R0
H-37248C-4, earless flange
Tape & Reel, 50 pcs
GTRA362802FC V1 R2
GTRA362802FC-V1-R2
H-37248C-4, earless flange
Tape & Reel, 250 pcs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com