Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA362802FC-V1-R0 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTRA362802FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 34003600 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA362802FC-V1-R0 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTRA362802FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
GTRA362802FC
5
Rev. 04.3, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Reference Circuit, 3400 – 3600 MHz
C101
C 115
C 108
R102
C 110
C 109
C 113
C 114
C 105
C106
R101
C 104
R104
C 111
C112
C 102
R103
C 103
C 207
C 203
C 212
C 202
C209
C 211
C 201
C 206
C 213
C 204
C 208
C 210
GTRA 362802 FC _OUT _03 A
RF _IN
RF _OUT
VDD
VGS (MAIN )
VDD
G TRA 36 280 2 FC _C D_ 05 - 09 - 20 18
GTRA 362802 FC
_IN_03 A
RO 4035 , 20 MIL
RO 4035 , 20 MIL
C 107
C 116
U1
C 205
VGS (PEAK )
Reference circuit assembly diagram (not to scale)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com