Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA362802FC-V1-R0 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # GTRA362802FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 – 3600 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA362802FC-V1-R0 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  GTRA362802FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
GTRA362802FC
6
Rev. 04.3, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Reference Circuit Assembly
Components Information
Component
Description
Manufacturer
P/N
Input
C101
Capacitor, 1.3 pF
ATC
ATC800A1R3CT250T
C102, C108
Capacitor, 0.5 pF
ATC
ATC800A0R5CT250T
C103, C104, C109, C112, C113
Capacitor, 12 pF
ATC
ATC800A120JT250T
C105, C114
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C106, C115
Capacitor, 100 V, 10 µF
TDK Corporation
C5750X7S2A106M230KB
C107, C116
Capacitor, 100 µF
Panasonic Electronic Components
EEE-FP1V101AP
C110
Capacitor, 0.3 pF
ATC
ATC800A0R3CT250T
C111
Capacitor, 0.2 pF
ATC
ATC800A0R2CT250T
R101, R102
Resistor, 5.6 ohms
Panasonic Electronic Components
ERJ-8RQJ5R6V
R103
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-3GEYJ100V
R104
Resistor, 50 ohms
Richardson
C16A50Z4
U1
Hybrid coupler
Anaren
XC3500P-03S
Output
C201, C208, C210
Capacitor, 12 pF
ATC
ATC800A120JT250T
C202, C211
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C203, C204, C212, C213
Capacitor, 100 V, 10 µF
TDK Corporation
C5750X7S2A106M230KB
C205
Capacitor, 220 µF
Panasonic Electronic Components
ECA-2AHG221
C206, C209
Capacitor, 0.4 pF
ATC
ATC800A0R4CT250T
C207
Capacitor, 15 pF
ATC
ATC800A150JT250T
H-37248-4_pd_10-10-2012
S
D1
D2
G1
G2
Pin
Description
D1
Drain Device 1 (Main)
D2
Drain Device 2 (Peak)
G1
Gate Device 1 (Main)
G2
Gate Device 2 (Peak)
S
Source (flange)
Pinout Diagram (top view)
DUT
GTRA362802FC-V1
Test Fixture Part No.
LTA/GTRA362802FC-V1
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, ε
r = 3.66, ƒ = 3400 – 3600 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
Main
Peak



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com