Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA362802FC-V1-R0 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # GTRA362802FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 34003600 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA362802FC-V1-R0 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  GTRA362802FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 04.3, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
GTRA362802FC
Package Types: H-37248C-4
PN: GTRA362802FC
Features
• GaN on SiC HEMT technology
• Input matched
• Asymmetrical Doherty design
- Main: P
3dB = 120 W Typ
- Peak: P
3dB = 180 W Typ
• Typical Pulsed CW performance, 3400 – 3600 MHz,
48 V, combined outputs, 10 µs pulse width, 10%
duty cycle
- Output power at P
3dB = 280 W
- Drain Efficiency = 60%
- Gain = 15 dB
• Capable of handling 10:1 VSWR @48 V, 44 W (CW)
output power
• Human Body Model Class 1A (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
Thermally-Enhanced High Power RF GaN on SiC HEMT
280 W, 48 V, 3400 – 3600 MHz
Description
The GTRA362802FC is a 280-watt (P
3dB) GaN on SiC high electron
mobility transistor (HEMT) designed for use in multi-standard cellular
power amplifier applications. It features input matching, high
efficiency, and a thermally-enhanced package with earless flange.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty production test fixture)
V
DD = 48 V, IDQ = 140 mA, POUT = 44 W avg, VGS(PEAK) = VGS @IDQ = 200 mA – 2.2 V, ƒ = 3600 MHz, 3GPP signal,
channel bandwidth = 3.84 MHz, peak/average = 10 dB @ 0.01% CCDF
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Linear Gain
G
ps
12
13.5
dB
Drain Efficiency
h
D
42.5
45.5
%
Adjacent Channel Power Ratio
ACPR
–29.5
–26.5
dBc
Output PAR @ 0.01% CCDF
OPAR
5.4
6.5
dB
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
33
38
43
48
53
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 140 mA,
VGS(PEAK) = -5.5 V, ƒ = 3600 MHz,
3GPP WCDMA signal, PAR = 10 dB,
3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
gtra362802fc_g1


Similar Part No. - GTRA362802FC-V1-R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA362802FC CREE-GTRA362802FC Datasheet
282Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 ??3600 MHz
More results

Similar Description - GTRA362802FC-V1-R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA362002FC CREE-GTRA362002FC Datasheet
233Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 ??3600 MHz
GTRA362802FC CREE-GTRA362802FC Datasheet
282Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 ??3600 MHz
GTRA364002FC CREE-GTRA364002FC Datasheet
279Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 ??3600 MHz
GTRA374902FC CREE-GTRA374902FC Datasheet
2Mb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 ??3700 MHz
GTRA384802FC CREE-GTRA384802FC Datasheet
1Mb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 ??3800 MHz
logo
WOLFSPEED, INC.
GTRA360502M-V1 WOLFSPEED-GTRA360502M-V1 Datasheet
844Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
Rev. 04, 2023-06-27
GTRA362002FC-V1 WOLFSPEED-GTRA362002FC-V1 Datasheet
435Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 3400 – 3600 MHz
Rev. 06, 2023-06-23
GTRA384802FC-V1 WOLFSPEED-GTRA384802FC-V1 Datasheet
585Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 – 3800 MHz
Rev. 03.1, 2022-1-27
GTRA364002FC WOLFSPEED-GTRA364002FC Datasheet
511Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 – 3600 MHz
Rev. 04.3, 2022-1-27
GTRA374902FC WOLFSPEED-GTRA374902FC Datasheet
459Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 – 3700 MHz
Rev. 02.2, 2022-1-27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com