Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA362802FC-V1-R0 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # GTRA362802FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 280 W, 48 V, 3400 – 3600 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA362802FC-V1-R0 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  GTRA362802FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA362802FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GTRA362802FC
4
Rev. 04.3, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
Figure 5. CW Performance at various V
DD
Figure 6. CW Performance Small Signal
Gain & Input Return Loss
0
10
20
30
40
50
60
70
10
11
12
13
14
15
16
17
34
38
42
46
50
54
58
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 140 mA, VGS(PEAK) = -5.5 V,
ƒ = 3600 MHz
44V Gain
48V Gain
52V Gain
44V Eff
48V Eff
52V Eff
gtra362802fc_g6
-20
-15
-10
-5
0
13
14
15
16
17
3300
3500
3700
3900
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 140 mA,
VGSPEAK = -5.5 V
IRL
Gain
gtra362802fc_g7
0
10
20
30
40
50
60
70
10
11
12
13
14
15
16
17
34
38
42
46
50
54
58
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 140 mA, VGS(PEAK) = -5.5 V,
ƒ = 3600 MHz
44V Gain
48V Gain
52V Gain
44V Eff
48V Eff
52V Eff
gtra362802fc_g6
-20
-15
-10
-5
0
13
14
15
16
17
3300
3500
3700
3900
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 140 mA,
VGSPEAK = -5.5 V
IRL
Gain
gtra362802fc_g7
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, I
DQ = 200 mA, class AB
Peak Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, I
DQ = 140 mA, class AB
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
3400
16-j19
5.9-j7.7
15
52.00
158.5
62.6
3.5-j4.8
16.6
50.10
102.3
74.0
3500
9.9-j11.5
9.4-j7.6
14.8
51.87
153.8
62.9
4.3-j5.2
16
50.52
112.7
71.5
3600
7.2-j6.5
7.1-j7.8
14.4
51.65
146.2
61.9
3.9-j4.7
15.9
49.70
93.3
71.6
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
3400
11.2-j9.2
3.9-j6.7
16
53.84
242.1
60.0
2.5-j4.8
17.8
52.30
170
71.0
3500
7.6-j8.6
3.8-j7.2
16.1
53.73
236.1
58.7
2.7-j5.2
17.9
52.35
171.8
70.0
3600
5.7-j9.5
4.6-j6.8
16.1
53.82
241
62.1
3.3-j4.8
17.1
52.60
182
68.6
0
10
20
30
40
50
60
70
10
11
12
13
14
15
16
17
34
38
42
46
50
54
58
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 140 mA, VGS(PEAK) = -5.5 V,
ƒ = 3600 MHz
44V Gain
48V Gain
52V Gain
44V Eff
48V Eff
52V Eff
gtra362802fc_g6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com