Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA412852FC-V1-R0 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # GTRA412852FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 235 W, 48 V, 37004100 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA412852FC-V1-R0 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  GTRA412852FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
GTRA412852FC
3
Rev. 03.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical RF Performance, 3800 – 4100 MHz (data taken in a Wolfspeed production test fixture)
Figure 1. Single-carrier WCDMA Drive-up
Figure 3. Single-carrier WCDMA Broadband Performance
Figure 4. Pulsed CW Performance
0
10
20
30
40
50
-70
-60
-50
-40
-30
-20
27
32
37
42
47
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 144 mA,
VGS(PEAK) = –6.0 V, ƒ = 4100 MHz,
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
4100 MHz ACP Up
4100 MHz ACP Low
4100 MHz Efficiency
gtra412852fc-gr2a
-35
-30
-25
-20
-15
-10
-5
-35
-30
-25
-20
-15
-10
-5
3400
3600
3800
4000
4200
4400
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 144 mA,
VGS(PEAK) = –6.0 V, POUT = 44.8 dBm,
3GPP WCDMA signal, 10 dB PAR
ACP Up
ACP Low
IRL
gtra412852fc-gr4
20
30
40
50
10
12
14
16
3750
3950
4150
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 144 mA,
VGS(PEAK) = –6.0V, POUT = 44.8 dBm,
3GPP WCDMA signal, 10 dB PAR
Efficiency
Gain
gtra412852fc-gr3
0
10
20
30
40
50
60
70
9
10
11
12
13
14
15
16
27
32
37
42
47
52
57
Output Power (dBm)
Pulsed CW Performance
VDD = 48 V, IDQ(MAIN) = 144 mA,
VGS(PEAK) = –6.0V
3800 MHz Gain
3900 MHz Gain
4000 MHz Gain
4100 MHz Gain
3800 MHz Eff
3900 MHz Eff
4000 MHz Eff
4100 MHz Eff
gtra412852fc-gr5
0
10
20
30
40
50
-70
-60
-50
-40
-30
-20
27
32
37
42
47
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 144 mA,
VGS(PEAK) = –6.0 V, ƒ = 4100 MHz,
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
4100 MHz ACP Up
4100 MHz ACP Low
4100 MHz Efficiency
gtra412852fc-gr2a
-35
-30
-25
-20
-15
-10
-5
-35
-30
-25
-20
-15
-10
-5
3400
3600
3800
4000
4200
4400
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 144 mA,
VGS(PEAK) = –6.0 V, POUT = 44.8 dBm,
3GPP WCDMA signal, 10 dB PAR
ACP Up
ACP Low
IRL
gtra412852fc-gr4
20
30
40
50
10
12
14
16
3750
3950
4150
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 48 V, IDQ(MAIN) = 144 mA,
VGS(PEAK) = –6.0V, POUT = 44.8 dBm,
3GPP WCDMA signal, 10 dB PAR
Efficiency
Gain
gtra412852fc-gr3
0
10
20
30
40
50
60
70
9
10
11
12
13
14
15
16
27
32
37
42
47
52
57
Output Power (dBm)
Pulsed CW Performance
VDD = 48 V, IDQ(MAIN) = 144 mA,
VGS(PEAK) = –6.0V
3800 MHz Gain
3900 MHz Gain
4000 MHz Gain
4100 MHz Gain
3800 MHz Eff
3900 MHz Eff
4000 MHz Eff
4100 MHz Eff
gtra412852fc-gr5
Figure 2. Single-carrier WCDMA Broadband Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com