Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA412852FC-V1-R0 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTRA412852FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 235 W, 48 V, 37004100 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA412852FC-V1-R0 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTRA412852FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
GTRA412852FC
5
Rev. 03.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Evaluation Board, 3800 – 4100 MHz
Evaluation Board Part Number
LTA/GTRA41285FC-V1
PCB Information
Rogers 4350, LoPro® 0.526mm [0.0207”] thick, 1 oz. copper, ε
r = 3.55
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
RO4350, LoPro
20.7 MIL, 1 OZ
GTRA412852FC
OUT_04
RF_IN
RF_OUT
g t r a4 1 2852 f c _CD - 41 0 0_2 0 19 - 1 2 - 2_ b n
C211
C213
C207
C209
C205
C202
C203
C212
C206
C204
C104
C109
C110
C105
R102
C101
R103
C103
RO4350, LoPro
20.7 MIL, 1 OZ
GTRA412852FC
OUT_04
C214
U1
V DD
V DD
V GG
V GG
C102
C111
C113
R101
C106
C108
C107
C112
C114
C208
C210
C201
RO4350, LoPro
20.7 MIL, 1 OZ
C215
GTRA412852FC_IN_04
Reference circuit assembly diagram (not to scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com