Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA412852FC-V1-R0 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # GTRA412852FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 235 W, 48 V, 37004100 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA412852FC-V1-R0 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  GTRA412852FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev. 03.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Package Types: H-37248C-4
Thermally-Enhanced High Power RF GaN on SiC HEMT
235 W, 48 V, 3700 – 4100 MHz
Description
The GTRA412852FC is a 235-watt (P
3dB) GaN on SiC high electron
mobility transistor (HEMT) for use in multi-standard cellular power
amplifier applications. It features input and output matching, high
efficiency, and a thermally-enhanced package with earless flange.
Features
• GaN on SiC HEMT technology
• Input and output matched
• Typical pulsed CW performance, 4100 MHz, 48 V,
10 µs pulse width, 100 µs PP
- Output power at P
3dB = 235 W
- Gain = 10 dB
- Efficiency = 45%
• Capable of handling 10:1 VSWR @48 V, 30 W
(WCDMA) output power
• Human Body Model Class 1A (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
GTRA412852FC
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
27
32
37
42
47
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 144 mA,
VGS(PEAK) = –6.0 V, ƒ = 4100 MHz,
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
Gain
Efficiency
PAR @ 0.01% CCDF
gtra412852fc-gr1a
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty production test fixture)
V
DD = 48 V, IDQ = 144 mA, POUT = 30 W avg, VGS(PEAK) = –6 V, ƒ = 4100 MHz, 3GPP, channel bandwidth = 3.84 MHz, peak/average =
10 dB @ 0.01% CCDF
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Gain
G
ps
10
11.5
dB
Drain Efficiency
h
D
34.5
39
%
Adjacent Channel Power Ratio
ACPR
–29
–24
dBc
Output PAR @ 0.01% CCDF
OPAR
7
8
dB
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!


Similar Part No. - GTRA412852FC-V1-R0

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
GTRA184602FC WOLFSPEED-GTRA184602FC Datasheet
693Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 460 W, 48 V, 1805 – 1880 MHz
Rev. 03, 2023-03-02
GTRA184602FC-V1 WOLFSPEED-GTRA184602FC-V1 Datasheet
693Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 460 W, 48 V, 1805 – 1880 MHz
Rev. 03, 2023-03-02
GTRA184602FC-V1-R0 WOLFSPEED-GTRA184602FC-V1-R0 Datasheet
693Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 460 W, 48 V, 1805 – 1880 MHz
Rev. 03, 2023-03-02
GTRA184602FC-V1-R2 WOLFSPEED-GTRA184602FC-V1-R2 Datasheet
693Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 460 W, 48 V, 1805 – 1880 MHz
Rev. 03, 2023-03-02
logo
Cree, Inc
GTRA214602FC CREE-GTRA214602FC Datasheet
321Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT
More results

Similar Description - GTRA412852FC-V1-R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
GTRA364002FC CREE-GTRA364002FC Datasheet
279Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 ??3600 MHz
GTVA263202FC CREE-GTVA263202FC Datasheet
458Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 ??2690 MHz
GTRA263902FC CREE-GTRA263902FC Datasheet
486Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 370 W, 48 V, 2495 ??2690 MHz
GTRA374902FC CREE-GTRA374902FC Datasheet
2Mb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 ??3700 MHz
GTVA261802FC CREE-GTVA261802FC Datasheet
495Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 ??2690 MHz
logo
WOLFSPEED, INC.
GTRA360502M-V1 WOLFSPEED-GTRA360502M-V1 Datasheet
844Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 3400 – 3800 MHz
Rev. 04, 2023-06-27
GTRA262802FC WOLFSPEED-GTRA262802FC Datasheet
515Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 – 2690 MHz
Rev. 03.3, 2022-1-27
GTRA374902FC WOLFSPEED-GTRA374902FC Datasheet
459Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 – 3700 MHz
Rev. 02.2, 2022-1-27
GTVA212701FA WOLFSPEED-GTVA212701FA Datasheet
566Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 – 2200 MHz
Rev. 04.2, 2022-1-27
GTVA261802FC WOLFSPEED-GTVA261802FC Datasheet
536Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT 170 W, 48 V, 2620 – 2690 MHz
Rev. 02.1, 2022-1-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com