Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA412852FC-V1-R0 Datasheet(PDF) 12 Page - WOLFSPEED, INC.

Part # GTRA412852FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 235 W, 48 V, 37004100 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA412852FC-V1-R0 Datasheet(HTML) 12 Page - WOLFSPEED, INC.

Back Button GTRA412852FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 10Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 11Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 12Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 13Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 14Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
GTRA412852FC
12
Rev. 03.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
H-37248-4_pd_10-10-2012
S
D1
D2
G1
G2
Pin
Description
D1
Drain Device 1 (main)
D2
Drain Device 2 (peak)
G1
Gate Device 1 (main)
G2
Gate Device 2 (peak)
S
Source (flange)
Pinout Diagram (top view)
Main
Peak
Bias Sequencing
Bias ON
1. Ensure RF is turned off
2. Apply pinch-off voltage of –5 V to the gate
3. Apply nominal drain voltage
4. Bias gate to desired quiescent drain current
5. Apply RF
Bias OFF
1. Turn RF off
2. Apply pinch-off voltage to the gate
3. Turn-off drain voltage
4. Turn-off gate voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com