Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA412852FC-V1-R0 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # GTRA412852FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 235 W, 48 V, 37004100 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA412852FC-V1-R0 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

Back Button GTRA412852FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. GTRA412852FC-V1-R0 Datasheet HTML 10Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
GTRA412852FC
6
Rev. 03.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C102, C103, C104,
C105
Capacitor, 8.2 pF
ATC
ATC800A8R2CT250X
C106
Capacitor, 0.6 pF
ATC
ATC800A0R6CT250XT
C107
Capacitor, 0.1 pF
ATC
ATC800A0R1BT250XT
C108
Capacitor, 1.0 pF
ATC
ATC800A1R0CT250XT
C109, C110
Capacitor, 1 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C111, C112
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C113, C114
Capacitor, 100 µF, 35 V
Panasonic Electronic Components
EEE-FT1V101AP
R101, R102
Resistor, 5.6 ohms
Panasonic Electronic Components
ERJ-8RQJ5R6V
R103
Resistor, 50 ohms
Anaren
C8A50Z4A
U1
Hybrid coupler
Anaren
X3C35F1-03S
Output
C201
Capacitor, 0.2 pF
ATC
ATC800A0R2BT250XT
C202
Capacitor, 0.3 pF
ATC
ATC800A0R3CT250XT
C203, C204, C205, C206
Capacitor, 8.2 pF
ATC
ATC800A8R2CT250X
C207, C208
Capacitor, 0.001 µF, 100 V
Murata Electronics
GRM188R72A102KA01D
C209, C210
Capacitor, 2.2 µF, 100 V
TDK Corporation
C4532X7R2A225K230KA
C211, C212
Capacitor, 1 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C213, C214
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C215
Capacitor, 220 µF
Panasonic Electronic Components
ECA-2AHG221
Evaluation Board, 3800 – 4100 MHz (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com