Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA084808NF-V1-R5 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PTRA084808NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 – 821 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA084808NF-V1-R5 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PTRA084808NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PTRA084808NF
4
Rev. 03.4, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
Figure 5. Single-carrier WCDMA Drive-up
Figure 7. Single-carrier WCDMA Broadband
Figure 6. Single-carrier WCDMA Broadband
Figure 8. CW Performance
0
10
20
30
40
50
60
70
-70
-60
-50
-40
-30
-20
-10
0
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 450 mA,
VGS(PEAK) = 1.2 V, ƒ = 740 MHz.
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
ACP Up
ACP Low
Efficiency
ptra080408nf-gr2c
-30
-25
-20
-15
-10
-35
-30
-25
-20
-15
675
725
775
825
875
Frequency (MHz)
Single-carrier WCDMA Broadband
VDD = 48 V, IDQ(MAIN) = 450 mA,
VGS(PEAK) = 1.2 V, POUT = 49.4 dBm,
3GPP WCDMA signal, 10 dB PAR
ACP Up
ACP Low
IRL
ptra080408nf-gr4
Gain
Efficiency
40
45
50
55
60
16
17
18
19
20
675
725
775
825
875
Frequency (MHz)
Single-carrier WCDMA Broadband
VDD = 48 V, IDQ(MAIN) = 450 mA,
VGS(PEAK) = 1.2 V, POUT = 49.4 dBm,
3GPP WCDMA signal, 10 dB PAR
Gain
Efficiency
ptra080408nf-gr3
0
10
20
30
40
50
60
70
14
15
16
17
18
19
20
21
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance
VDD = 48 V, IDQ(MAIN) = 450 mA,
VGS(PEAK) = 1.2 V
740 MHz Gain
770 MHz Gain
800 MHz Gain
740 MHz Eff
770 MHz Eff
800 MHz Eff
ptra080408nf-gr5
0
10
20
30
40
50
60
70
-70
-60
-50
-40
-30
-20
-10
0
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 450 mA,
VGS(PEAK) = 1.2 V, ƒ = 740 MHz.
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
ACP Up
ACP Low
Efficiency
ptra080408nf-gr2c
-30
-25
-20
-15
-10
-35
-30
-25
-20
-15
675
725
775
825
875
Frequency (MHz)
Single-carrier WCDMA Broadband
VDD = 48 V, IDQ(MAIN) = 450 mA,
VGS(PEAK) = 1.2 V, POUT = 49.4 dBm,
3GPP WCDMA signal, 10 dB PAR
ACP Up
ACP Low
IRL
ptra080408nf-gr4
Gain
Efficiency
40
45
50
55
60
16
17
18
19
20
675
725
775
825
875
Frequency (MHz)
Single-carrier WCDMA Broadband
VDD = 48 V, IDQ(MAIN) = 450 mA,
VGS(PEAK) = 1.2 V, POUT = 49.4 dBm,
3GPP WCDMA signal, 10 dB PAR
Gain
Efficiency
ptra080408nf-gr3
0
10
20
30
40
50
60
70
14
15
16
17
18
19
20
21
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance
VDD = 48 V, IDQ(MAIN) = 450 mA,
VGS(PEAK) = 1.2 V
740 MHz Gain
770 MHz Gain
800 MHz Gain
740 MHz Eff
770 MHz Eff
800 MHz Eff
ptra080408nf-gr5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com