Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA084808NF-V1-R5 Datasheet(PDF) 11 Page - WOLFSPEED, INC.

Part # PTRA084808NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 – 821 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA084808NF-V1-R5 Datasheet(HTML) 11 Page - WOLFSPEED, INC.

Back Button PTRA084808NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 10Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 11Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 12Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PTRA084808NF
11
Rev. 03.4, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Package Outline Specifications (cont.) – Package PG-HBSOF-6-2 (bottom view)
2x 0.50
0.05
23.26
24.40
2
2
Diagram Notes—unless otherwise specified:
1. Mold/dam bar/metal protrusion of 0.30 mm max per side not included.
2. Metal protrusions are connected to source and shall not exceed 0.10 mm max.
3. Fillets and radii: all radii are 0.3 mm max.
4. Interpret dimensions and tolerances per ISO 8015.
5. Dimensions are mm.
6. Does not include mold/dam bar and metal protrusion.
7. Exposed metal surface is tin-plated, may not be covered by mold compound.
8. All tolerances ± 0.1 mm unless specified otherwise.
9. All metal surfaces are tin-plated, except area of cut.
10. Lead thickness: 0.25 mm.
11. Pins: D1, D2 = drain; G1, G2 = gate; S = source, V1, V2 = no DC bias, NC or
connect to GRD
V2
V1
PG-HBSOF-6-2_02.1_01-17-2017
D2
D1
G2
G1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com