Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA084808NF-V1-R5 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # PTRA084808NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 – 821 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA084808NF-V1-R5 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

Back Button PTRA084808NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 10Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PTRA084808NF
6
Rev. 03.4, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Load Pull Performance
Main side pulsed CW signal: 10 µsec, 10% duty cycle, V
DD = 48 V, IDQ = 390 mA, class AB
Peak side pulsed CW signal: 10 µsec, 10% duty cycle, V
DD = 48 V, VGSPK = 2.2 V, class C
P
1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
hD [%]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT[W]
hD [%]
730
2.00 – j3.64
1.96 – j0.96
20.5
53.53
225
56.4
4.71 + j0.66
22.1
51.59
144
66.1
760
2.18 – j4.45
1.97 – j0.37
20.8
53.39
218
58.2
4.83 + j2.41
22.5
50.75
119
67.5
780
2.23 – j4.48
1.75 – j0.81
20.5
53.18
208
52.8
4.95 + j1.41
22.9
51.00
126
66.9
805
2.91 – j5.23
1.75 – j0.81
20.7
53.23
210
54.1
3.29 + j1.34
22.4
51.59
144
67.4
820
2.96 – j5.44
1.96 – j0.96
21.2
53.12
205
55.8
3.43 + j0.83
22.7
51.79
151
67.6
P
1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
hD [%]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT[W]
hD [%]
730
1.79 – j3.78
1.06 – j0.36
17.2
55.63
366
63.4
1.16 + j1.09
18.1
52.87
194
78.4
760
2.22 – j4.57
1.05 – j0.36
17.2
55.58
361
64.3
0.87 + j0.93
18.2
52.54
179
77.8
780
2.24 – j4.52
1.14 – j0.55
17.1
55.52
356
62.0
0.89 + j0.86
18.2
52.45
176
76.4
805
2.57 – j5.09
1.33 – j0.81
17.0
55.28
337
61.2
1.30 + j0.58
18.0
53.22
210
74.0
820
3.79 – j5.33
1.13 – j0.67
17.4
55.35
343
62.9
1.10 + j0.75
17.9
52.45
176
74.4
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
hD [%]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT[W]
hD [%]
730
2.00 – j3.64
1.96 – j0.96
18.5
54.48
281
60.9
5.35 + j1.53
20.2
51.79
151
67.9
760
2.18 – j4.45
2.00 – j0.39
18.8
54.23
265
62.2
4.77 + j1.31
20.5
52.01
159
69.6
780
2.23 – j4.48
1.56 – j1.27
18.2
54.11
258
53.7
4.29 + j1.74
20.6
51.82
152
69.3
805
2.91 – j5.23
1.99 – j0.95
19.0
54.06
255
59.4
3.29 + j1.34
20.4
52.24
167
69.2
820
2.96 – j5.44
1.99 – j1.26
19.2
53.99
251
58.1
3.60 + j1.21
20.8
52.16
164
69.8
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
hD [%]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT[W]
hD [%]
730
1.79 – j3.78
1.06 – j0.36
15.2
56.36
433
65.0
1.12 + j0.79
16.2
54.27
267
77.7
760
2.22 – j4.57
1.33 – j0.44
15.3
56.34
431
68.4
1.42 + j0.90
15.9
54.04
254
76.2
780
2.24 – j4.52
1.16 – j0.62
15.0
56.36
433
64.0
1.31 + j0.54
16.0
54.53
284
75.9
805
2.57 – j5.09
1.34 – j0.81
15.0
56.09
406
63.3
1.39 + j0.47
15.9
54.28
268
74.0
820
3.79 – j5.33
1.21 – j0.71
15.3
56.08
406
64.4
1.25 + j0.46
16.0
54.14
259
74.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com