Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA084808NF-V1-R5 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTRA084808NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 – 821 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA084808NF-V1-R5 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTRA084808NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev. 03.4, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
PTRA084808NF
Package Types: PG-HBSOF-6-2
PN: PTRA084808NF
Features
• Broadband internal matching
• Asymmetric design
- Main: P
1dB = 200 W typical
- Peak: P
1dB = 350 W typical
• Typical pulsed CW performance (class AB), 800
MHz, 48 V, 10 μs pulse width, 10% duty cycle,
Doherty configuration
- Output power at P
3dB = 550 W
- Efficiency = 56%
- Gain = 18.5 dB
• Capable of handling 10:1 VSWR @ 48 V, 89 W (CW)
output power
• Integrated ESD protection
• Human Body Model Class 1C (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
Thermally-Enhanced High Power RF LDMOS FET
550 W, 48 V, 734 – 821 MHz
Description
The PTRA084808NF is a 550-watt LDMOS FET intended for use in multi-standard
cellular power amplifier applications in the 734 to 821 MHz frequency band. Features
include input matching, high gain and thermally-enhanced package with earless
flanges. Manufactured with Wolfspeed’s advanced LDMOS process, this device
provides excellent thermal performance and superior reliability.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty test fixture)
V
DD = 48 V, IDQ = 450 mA, VGS(PEAK) = 1.2 V, POUT = 87 W avg, ƒ = 800 MHz. 3GPP signal, channel bandwidth = 3.84 MHz,
peak/average = 10 dB @ 0.01% CCDF.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Gain
G
ps
17.5
18.2
—
dB
Drain Efficiency
h
D
52.5
55
—
%
Adjacent Channel Power Ratio
ACPR
—
–30
–27.5
dBc
Output PAR @ 0.01% CCDF
OPAR
6.5
7
—
dB
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 48 V, IDQ(MAIN) = 450 mA,
VGS(PEAK) = 1.2 V, ƒ = 800 MHz.
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
Gain
Efficiency
PAR @ 0.01% CCDF
ptra080408nf-gr1a


Similar Part No. - PTRA084808NF-V1-R5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTRA084808NF CREE-PTRA084808NF Datasheet
649Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
More results

Similar Description - PTRA084808NF-V1-R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB082817FH INFINEON-PTFB082817FH Datasheet
667Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 30 V, 791-821 MHz
Rev. 02, 2010-12-13
PTRA093818NF INFINEON-PTRA093818NF Datasheet
470Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
Rev. 05.1, 2017-08-16
PTVA082407NF INFINEON-PTVA082407NF Datasheet
453Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
Rev. 02.5, 2017-07-18
logo
Cree, Inc
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
PTVA120252MT CREE-PTVA120252MT Datasheet
530Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 ??1400 MHz
PTRA084808NF CREE-PTRA084808NF Datasheet
649Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
PTRA087008NB CREE-PTRA087008NB Datasheet
660Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 ??805 MHz
PTVA092407NF CREE-PTVA092407NF Datasheet
595Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
logo
WOLFSPEED, INC.
PTVA082407NF WOLFSPEED-PTVA082407NF Datasheet
733Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 – 821 MHz
Rev. 04.1, 2022-02-13
PTVA120252MT WOLFSPEED-PTVA120252MT Datasheet
553Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 – 1400 MHz
Rev. 04.1, 2022-02-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com