Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA084808NF-V1-R5 Datasheet(PDF) 8 Page - WOLFSPEED, INC.

Part # PTRA084808NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 – 821 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA084808NF-V1-R5 Datasheet(HTML) 8 Page - WOLFSPEED, INC.

Back Button PTRA084808NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 10Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 11Page - WOLFSPEED, INC. PTRA084808NF-V1-R5 Datasheet HTML 12Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PTRA084808NF
8
Rev. 03.4, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C102
Capacitor, 2.7 pF
ATC
ATC600F2R7CT250
C103
Capacitor, 1.4 pF
ATC
ATC600F1R4CT250
C104
Capacitor, 3.9 pF
ATC
ATC600F3R9CT250
C105
Capacitor, 1.0 pF
ATC
ATC600F1R0CT250
C106
Capacitor, 68 pF
ATC
ATC600F680JT250
C107, C113
Capacitor, 82 pF
ATC
ATC600F820JT250
C108, C114
Capacitor, 10 µF, 100V
TDK Corporation
C5750X7S2A106M230KB
C109
Capacitor, 5.6 pF
ATC
ATC600F5R6CT250
C110
Capacitor, 4.7 pF
ATC
ATC600F4R7CT250
C111
Capacitor, 2.0 pF
ATC
ATC600F2R0CT250
C112
Capacitor, 56 pF
ATC
ATC800A560JT250
R101, R102
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-8GEYJ100V
R103
Resistor, 50 ohms
Anaren
C8A50Z4A
U1
Hybrid coupler
Anaren
X3C07F1-02S
Output
C201, C203, C204, C205, C206, C207,
C208, C209, C210, C211, C226, C227,
C228, C229,C230, C231, C232, C233, C234
Capacitor, 10 µF, 100V
TDK Corporation
C5750X7S2A106M230KB
C202, C215
Capacitor, 82 pF
ATC
ATC600F820JT250
C212
Capacitor, 10 pF
ATC
ATC600F100JT250
C213
Capacitor, 6.8 pF
ATC
ATC600F6R8CT250
C214
Capacitor, 47 pF
ATC
ATC600F470JT250
C216, C222
Capacitor, 1.0 pF
ATC
ATC600F1R0CT250
C217
Capacitor, 3.9 pF
ATC
ATC600F3R9CT250
C218
Capacitor, 5.6 pF
ATC
ATC600F5R6CT250
C219, C223
Capacitor, 12 pF
ATC
ATC600F120JT250
C220, C221
Capacitor, 1.5 pF
ATC
ATC600F1R5CT250
C224
Capacitor, 2.0 pF
ATC
ATC600F2R0CT250
C225
Capacitor, 100 pF
ATC
ATC600F101JT250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com