Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA087008NB-V1-R2 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTRA087008NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 – 805 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA087008NB-V1-R2 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTRA087008NB-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PTRA087008NB
5
Rev. 03.4, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
Figure 9. CW Performance Small Signal
-26
-24
-22
-20
-18
-16
-14
-12
-10
6
8
10
12
14
16
18
20
22
700
750
800
850
Frequency (MHz)
CW Performance Small Signal
VDD = 48 V, IDQ(MAIN) = 510 mA,
VGSPEAK = 2.4 V
Gain
PAR @ 0.01% CCDF
ra087008nb-gr7
-26
-24
-22
-20
-18
-16
-14
-12
-10
6
8
10
12
14
16
18
20
22
700
750
800
850
Frequency (MHz)
CW Performance Small Signal
VDD = 48 V, IDQ(MAIN) = 510 mA,
VGSPEAK = 2.4 V
Gain
PAR @ 0.01% CCDF
ra087008nb-gr7
See Load Pull Performance, next page
0
10
20
30
40
50
60
70
14
15
16
17
18
19
20
21
29
34
39
44
49
54
59
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 510 mA, VGS(PEAK) = 2.4 V,
ƒ = 805 MHz
44V
48 V
52 V
Gain
Efficiency
ra087008nb-gr6a



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com