Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA087008NB-V1-R2 Datasheet(PDF) 8 Page - WOLFSPEED, INC.

Part # PTRA087008NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 – 805 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA087008NB-V1-R2 Datasheet(HTML) 8 Page - WOLFSPEED, INC.

Back Button PTRA087008NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 10Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 11Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PTRA087008NB
8
Rev. 03.4, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C105,C107, C113
Capacitor, 43 pF
ATC
ATC600F430JW250T
C102, C108
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C103
Capacitor, 6.8 pF
ATC
ATC600F6R8JW250T
C104
Capacitor, 7.5 pF
ATC
ATC600F7R5JW250T
C106
Capacitor, 3.0 pF
ATC
ATC600F3R0CT250T
C109, C111, C112
Capacitor, 2.0 pF
ATC
ATC600F2R0CW250T
C110
Capacitor, 9.1 pF
ATC
ATC600F9R1JW250T
R101, R102
Resistor, 6.2 ohms
Panasonic
P6.2ECT-ND
R103
Resistor, 5.1 ohms
Panasonic
P5.1ETR-ND
R104
Resistor, 50 ohms
Anaren
C8A50Z4A
U1
Hybrid coupler
Anaren
X3C09P1-03S
Output
C201, C210, C211, C212, C221, C224,
C225, C226
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C202
Capacitor, 9.1 pF
ATC
ATC600F9R1JW250T
C203
Capacitor, 8.2 pF
ATC
ATC600F8R2JW250T
C204
Capacitor, 3.0 pF
ATC
ATC600F3R0CW250T
C205
Capacitor, 2.2 pF
ATC
ATC600F2R2CW250T
C206, C207
Capacitor, 0.6 pF
ATC
ATC600F0R6CW250T
C208, C214, C215
Capacitor, 10 pF
ATC
ATC600F100JW250T
C209, C218, C219, C220
Capacitor, 43 pF
ATC
ATC600F430JW250T
C213, C222, C223
Capacitor, 100 µF, 63 V
Panasonic
EEE-FK1J101P
C216, C217
Capacitor, 6.2 pF
ATC
ATC600F6R2JW250T
D1
D2
G2
G1
P G - H B 2 S O F - 6 - 1 _ P D _ 0 9 - 2 1 - 2 0 1 6
S = flange
Pin
Description
D1
Drain device 1 (Main)
D2
Drain device 2 (Peak)
G1
Gate device 1 (Main)
G2
Gate device 2 (Peak)
S
Source (flange)
V1, V2 Drain video decoupling, no DC Bias
Pinout Diagram (top view)
Lead connections for PTRA087008NB
V1
Main
Peak
V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com