Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA087008NB-V1-R2 Datasheet(PDF) 11 Page - WOLFSPEED, INC.

Part # PTRA087008NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 – 805 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA087008NB-V1-R2 Datasheet(HTML) 11 Page - WOLFSPEED, INC.

Back Button PTRA087008NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 10Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 11Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PTRA087008NB
11
Rev. 03.4, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
PATENT: https://www.wolfspeed.com/legal/patents
The information in this document is subject to change without notice.
For more information, please contact:
4600 Silicon Drive
Durham, NC 27703 USA
Tel: +1.919.313.5300
www.wolfspeed.com/RF
Sales Contact
RFSales@wolfspeed.com
RF Product Marketing Contact
RFMarketing@wolfspeed.com
Notes & Disclaimer
Specifications are subject to change without notice. “Typical” parameters are the average values expected
by Wolfspeed in large quantities and are provided for information purposes only. Wolfspeed products are not
warranted or authorized for use as critical components in medical, life-saving, or life-sustaining applications, or
other applications where a failure would reasonably be expected to cause severe personal injury or death. No
responsibility is assumed by Wolfspeed for any infringement of patents or other rights of third parties which may
result from use of the information contained herein. No license is granted by implication or otherwise under any
patent or patent rights of Wolfspeed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com