Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA087008NB-V1-R2 Datasheet(PDF) 10 Page - WOLFSPEED, INC.

Part # PTRA087008NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 – 805 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA087008NB-V1-R2 Datasheet(HTML) 10 Page - WOLFSPEED, INC.

Back Button PTRA087008NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 10Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 11Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PTRA087008NB
10
Rev. 03.4, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Package Outline Specifications (cont.) – Package PG-HB2SOF-6-1 (bottom view)
Diagram Notes—unless otherwise specified:
1. Mold/dam bar/metal protrusion of 0.30 mm max per side not included.
2. Fillets and radii: all radii are 0.3 mm max.
3. Interpret dimensions and tolerances per ISO 8015.
4. Dimensions are mm.
5. Does not include mold/dam bar and metal protrusion.
6. All tolerances ± 0.1 mm unless specified otherwise.
7. All metal surfaces tin pre-plated, except area of cut.
8. Lead thickness: 0.25 mm.
9. Pins: D1, D2 – drain; G1, G2 – gate; S – source;
V – drain video decoupling, no DC bias
32.26
2x 14.12
2x 10.6
2x 1.02
2.83
7.06
4x 11.29
2x 4.44
1.57
1
0.25
3.81
32.26
5
2x 1.00
10°
7°
2x 0.50
0.05
31.26
D1
D2
G1
G2
D2
D1
G2
G1
V
V
V
V
PG-HB2SOF-6-1_prelim_02-09-2017
PG-HB2SOF-6-1_prelim_02-09-2017



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com