Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA087008NB-V1-R2 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # PTRA087008NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 – 805 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA087008NB-V1-R2 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

Back Button PTRA087008NB-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. PTRA087008NB-V1-R2 Datasheet HTML 10Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PTRA087008NB
6
Rev. 03.4, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Load Pull Performance
Main Side – Pulsed CW signal: 10 µsec, 10% duty cycle, V
DD = 48 V, IDQ = 510 mA, class AB
Peak Side – Pulsed CW signal: 10 µsec, 10% duty cycle, V
DD = 48 V, VGS(PEAK) = 2.4 V, class B
P
1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
hD [%]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
hD [%]
760
0.6 – j1.9
1.3 – j0.5
21.41
54.81
303
59.5
2.7 + j1.1
23.40
52.50
178
71.7
780
0.6 – j2.0
1.3 – j0.5
21.45
54.73
297
59.0
2.5 + j2.0
23.55
52.42
175
71.4
805
0.6 – j2.3
1.2 – j0.3
21.39
54.66
292
58.5
2.3 + j1.2
23.58
52.50
178
71.1
P
1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
hD [%]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
hD [%]
760
0.3 – j2.1
0.7 – j0.6
19.78
56.85
484
60.1
1.2 + j0.4
21.46
54.72
296
73.2
780
0.5 – j2.3
0.8 – j0.4
20.13
56.75
473
61.0
1.3 + j0.6
21.40
54.56
286
73.0
805
0.7 – j2.8
0.8 – j0.3
19.91
56.65
462
61.1
1.4 + j0.8
21.40
54.12
258
72.2
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
hD [%]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
hD [%]
760
0.6 – j1.9
1.4 – j0.6
19.53
55.56
360
62.9
2.3 + j0.6
21.02
53.91
246
72.5
780
0.6 – j2.0
1.3 – j0.6
19.52
55.49
354
61.7
2.3 + j0.6
21.24
53.92
247
72.3
805
0.6 – j2.3
1.3 – j0.6
19.62
55.44
350
61.7
2.0 + j0.5
21.13
54.15
260
71.0
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
hD [%]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
hD [%]
760
0.3 – j2.1
0.8 – j0.7
17.86
57.63
579
62.8
1.2 + j0.2
19.35
55.84
384
74.3
780
0.5 – j2.3
0.8 – j0.5
18.16
57.45
556
62.4
1.3 + j0.4
19.39
55.49
354
73.3
805
0.7 – j2.8
0.8 – j0.3
17.90
57.34
542
62.4
1.1 + j0.5
19.13
55.50
355
72.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com