Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA047002EV-V1-R0 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # PTVA047002EV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 470 – 806 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA047002EV-V1-R0 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  PTVA047002EV-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 05, 2018-08-20
2
PTVA047002EV
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
105
—
—
V
Drain Leakage Current
VDS = 50 V, VGS = 0 V
IDSS
—
—
1.0
µA
VDS = 111 V, VGS = 0 V
IDSS
—
—
10.0
µA
On-State Resistance
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
0.1
—
W
Operating Gate Voltage
VDS = 50 V, IDQ = 1200 mA
VGS
—
3.6
—
V
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
—
—
1.0
µA
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
105
V
Gate-Source Voltage
VGS
–6 to +12
V
Operating Voltage
VDD
0 to +55
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Resistance (TCASE = 70°C, 135 W CW)
RqJC
0.215
°C/W
Ordering Information
Type and Version
Order Code
Package Description
Shipping
PTVA047002EV V1 R0
PTVA047002EV-V1-R0
H-36275-4, bolt-down
Tape & Reel, 50pcs
PTVA047002EV V1 R250 PTVA047002EV-V1-R250
H-36275-4, bolt-down
Tape & Reel, 250pcs
RF Characteristics
Typical DVB-T (8K OFDM, 64QAM) Performance (not subject to production test, verified by design/characterization in
Wolfspeed test fixture)
VDD = 50 V, IDQ = 600 mA per side, tf = 25°C, DVB-T signal, BW = 8MHz, Mode = 8k, Modulation = 64-QAM, Guard = 1/4, Code
rate = 1/2, PAR= 10.5 dB, ACPR integrated over 200 KHz BW at +4.3 MHz offset from center frequency
Freq (MHz)
Gain (dB)
IRL (dB)
I (A)
Eff (%)
POUT Avg (W)
ACPR Up
ACPR Low
470
21.45
3.35
10.4
26.5
138
32
33
550
20.6
4.6
9.03
30.6
138
29
29
650
19.6
4.26
9.53
28.7
137
31
31
750
19.2
3.92
9.25
29.3
136
30
31
806
20
6.36
9.07
29.5
134
28
29



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com